Electronic Components Datasheet Search
  English  ▼

X  

PI01-3 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PI01-3
Description  IoT Bit 3G v1.6
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PI01-3 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PI01-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 10Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 11Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 12Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
3. Interface Application
3.1 Power supply
The USB type 2.0 labelled POWER is used for power IoT Bit. The voltage input should be 5v with a minimum of
2A current for the IoT Bit. If the Raspberry Pi is powered via the IoT Bit, the input current should be at least 2.5A.
3.2 Battery
The battery should be a Li-Po with 3.7v and a minimum of 2 MAh capacity. The input voltage shouldn’t be higher
than 4.2v. The battery charging circuit can be damaged if it exceeds this and will void your warranty.
3.3 USB (modem)
USB type 2.0 labelled MODEM is used to connect the modem, it transmits data through the cable to the
Raspberry Pi or a Windows system. This USB interface gives you access to a few different ports on the modem.
Figure 5 - Power USB
Figure 6 - Battery Port
Figure 7 - Modem USB
List of ports accessible via the USB:
Diagnostics port for output developing messages
NMEA port - outputs GPS information
AT command port - for sending and receiving AT commands
Modem port for PPP protocol
USB-Audio port - use to transmit Audio signals
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com