Electronic Components Datasheet Search
  English  ▼

X  

TT253X Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # TT253X
Description  Pro Audio & Broadcast Catalog
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TT253X Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button TT253X Datasheet HTML 34Page - List of Unclassifed Manufacturers TT253X Datasheet HTML 35Page - List of Unclassifed Manufacturers TT253X Datasheet HTML 36Page - List of Unclassifed Manufacturers TT253X Datasheet HTML 37Page - List of Unclassifed Manufacturers TT253X Datasheet HTML 38Page - List of Unclassifed Manufacturers TT253X Datasheet HTML 39Page - List of Unclassifed Manufacturers TT253X Datasheet HTML 40Page - List of Unclassifed Manufacturers TT253X Datasheet HTML 41Page - List of Unclassifed Manufacturers TT253X Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 101 page
background image
PATCHBAYS
37
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
5555 North Elston Avenue / Chicago, IL 60630
Phone: 773-792-2700 / Fax: 773-792-2129
Features and Benefits
• Midsize video jacks rated from
DC to 3 GHz
• 32 midsize jacks mounted either
1RU, 1.5RU or 2RU panel
• Available in terminated or
non-terminated configurations
Specifications
Materials
Frame: Aluminum, black anodized
Designation Strips: Vinylite, white
Designation Strip Covers: Lexan,
transparent
Jack Inserts: Thermoplastic,
UL 94V-0 rated
Midsize Video Jack
Specifications
Electrical
Rated Bandwidth: 3.0 GHz
Characteristic Impedance:
75 ohms
Return Loss: See Typical Return
Loss Chart
Insertion Loss: See Typical
Insertion Loss Chart
Contact Resistance:
Less than 20 milliohms
Termination Resistance:
75 W, ±1%
Center Conductor: Accepts .048
pin diameter
Mechanical
Mechanical Shock: Per MIL-STD-
202, Method 213, Test condition I
Vibration: Per MIL-STD-202,
Method 201
Life Cycle: 30,000
Materials
Housing: Zinc alloy, nickel plated
Center Contacts: Copper alloy,
gold plated
Ordering Information
Part Number
Type of Jack
Height
Description
MVP32K1*75T
Midsize
1.75"
Terminated
MVP32K1*NT
Midsize
1.75"
Non-terminated
MVP32K2*75T
Midsize
2.62"
Terminated
MVP32K2*NT
Midsize
2.62"
Non-terminated
MVP32K3*75T
Midsize
3.5"
Terminated
MVP32K3*NT
Midsize
3.5"
Non-terminated
* Add “N” for non-normalled version
MVP Midsize Video Patchbay Series
MVJ*75T
MVP32K3*75T
Switching Springs: Copper alloy,
gold plated
Grounding Contacts: Copper
alloy, gold plated
BNC Insulators: Teflon
Actuators: Thermoplastic,
UL94V-0 rated
Environmental
Operating Temperature:
– 40°C to 65°C
Storage Temperature:
– 55°C to 85°C
Thermal Shock:
Per MIL-STD-202, Method 107
Moisture and Humidity:
Per MIL-STD-202, Method 106
See Page 39 for Individual Midsize Jacks Ordering Information
The MVP Series video patchbays offer outstanding performance and high density.
Patchbays consist of 32 jacks in either 1RU or 2RU heights, jacks come either
terminated or non-terminated. These jacks are rated from DC to 3 GHz, and are
rated at 30,000 lifecycles. The 1.5RU and 2RU come with cable tie bars.
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com