Electronic Components Datasheet Search
  English  ▼

X  

TT253X Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # TT253X
Description  Pro Audio & Broadcast Catalog
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TT253X Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button TT253X Datasheet HTML 60Page - List of Unclassifed Manufacturers TT253X Datasheet HTML 61Page - List of Unclassifed Manufacturers TT253X Datasheet HTML 62Page - List of Unclassifed Manufacturers TT253X Datasheet HTML 63Page - List of Unclassifed Manufacturers TT253X Datasheet HTML 64Page - List of Unclassifed Manufacturers TT253X Datasheet HTML 65Page - List of Unclassifed Manufacturers TT253X Datasheet HTML 66Page - List of Unclassifed Manufacturers TT253X Datasheet HTML 67Page - List of Unclassifed Manufacturers TT253X Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 101 page
background image
63
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
5555 North Elston Avenue / Chicago, IL 60630
Phone: 773-792-2700 / Fax: 773-792-2129
DIMENSIONS ARE FOR REFERENCE ONLY
Inch
(mm)
A wide variety of audio adapters are available from
Switchcraft. Ranges include XLR to XLR, XLR to RCA,
XLR to 1/4", along with a multitude of specialty adapters.
Our DMX adapters allow users to adapt from 5 pin DMX
controls to the more prevalent 3 pin XLR.
XLR to XLR, RCA, 1/4 "
, TQ-G Adapter Series
AUDIO ADAPTERS
Ordering Information
Part Number
Description
XLR to XLR
389
3 Pin female to 3 pin female
390
3 Pin male to 3 pin male
S3FM
3 Pin male to 3 pin female
S3F5M
3 Pin female to 5 pin male
S5F3M
5 Pin female to 3 pin male
XLR to RCA
321
3 Pin female XLR to male RCA
322
3 Pin female XLR to female RCA
323
3 Pin male XLR to male RCA
324
3 Pin male XLR to female RCA
XLR to 1/4"
383A
3 Pin female XLR to female 1/4", 3 cond.
384A
3 Pin male XLR to female 1/4", 3 cond.
386A
3 Pin female XLR to male 1/4", 3 cond.
387A
3 Pin male XLR to male 1/4", 3 cond.
XLR to TQ-G
TA01
3 Pin XLR female to 3 pin TQG female
TA02
4 Pin XLR female to 4 pin TQG female
TA04
3 Pin XLR male to 3 pin TQG female
TA05
4 Pin XLR male to 4 pin TQG female
389
S3FM
390
321
323
324
322
386A
383A
387A
384A
TA04
TA01
DIMENSIONS ARE FOR REFERENCE ONLY
Inch
(mm)
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com