Electronic Components Datasheet Search
  English  ▼

X  

LT3502 Datasheet(PDF) 2 Page - Analog Devices

Part # LT3502
Description  Circuit Note
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3502 Datasheet(HTML) 2 Page - Analog Devices

  LT3502 Datasheet HTML 1Page - Analog Devices LT3502 Datasheet HTML 2Page - Analog Devices LT3502 Datasheet HTML 3Page - Analog Devices LT3502 Datasheet HTML 4Page - Analog Devices LT3502 Datasheet HTML 5Page - Analog Devices LT3502 Datasheet HTML 6Page - Analog Devices LT3502 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CN-0506
Circuit Note
Rev. 0 | Page 2 of 7
MAC/IF
VDDIO
MDC MDIO XTAL_I XTAL_O
AVDD_3P3 DVDD_0P9
ADIN1300
SDA
SCL
CLK+
CLK–
PXO
RJ45
LT3502
SW
VIN
3P3V
3P3V
VADJ
RGMII/
TMII/
MII
RGMII/
TMII/
MII
SDA
SCL
3P3VAUX
AUX_3P3
0.9V
3.3V
1.8V TO 3.3V
MAC/IF
MDC
XTAL_I XTAL_O
MDIO
ADIN1300
SDA
SCL
CLK+
CLK–
PXO
RJ45
125MHz
VIN
OUT–
OUT+
AUX_3P3
FMC LPC
LTC4316
SCLOUT
SCLIN
SDAOUT
SDAIN
AUX_3P3
Figure 1. EVAL-CN0506-FMCZ Simplified Block Diagram (All Connections and Decoupling Not Shown)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com