Electronic Components Datasheet Search
  English  ▼

X  

LT3502 Datasheet(PDF) 3 Page - Analog Devices

Part # LT3502
Description  Circuit Note
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3502 Datasheet(HTML) 3 Page - Analog Devices

  LT3502 Datasheet HTML 1Page - Analog Devices LT3502 Datasheet HTML 2Page - Analog Devices LT3502 Datasheet HTML 3Page - Analog Devices LT3502 Datasheet HTML 4Page - Analog Devices LT3502 Datasheet HTML 5Page - Analog Devices LT3502 Datasheet HTML 6Page - Analog Devices LT3502 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Circuit Note
CN-0506
Rev. 0 | Page 3 of 7
CIRCUIT DESCRIPTION
Ethernet
Ethernet is the most common type of packet-based physical
connection for data networking applications in a local area network
(LAN) that is defined as subsections and specifications by the
Institute of Electrical and Electronic Engineers (IEEE) 802.3
standards.
There are different speeds and transmission medium associated
with Ethernet. However, the focus of this circuit note centers on
10BASE-T, 100BASE-TX, and 1000BASE-T over twisted pair
cables, Category 5e (CAT5e) or Category 6 (CAT6), straight
through or crossover.
Line and Ring Network Topologies
Typical industrial Ethernet networks are deployed in line or ring
topologies. The line and ring network topologies have reduced
wiring lengths compared to start networks, and a redundant
path for the ring network (see Figure 2). Each device connected
to a line or ring network requires two Ethernet ports to pass
Ethernet frames along the network.
LINE TOPOLOGY
PHY
MASTER
CONTROLLER
HOST/MAC
PHY
PHY
HOST/MAC
PHY
PHY
HOST/MAC
PHY
PHY
UP TO 100m
RING TOPOLOGY
MASTER
CONTROLLER
HOST/MAC
PHY
PHY
PHY
PHY
HOST/MAC
PHY
PHY
HOST/MAC
PHY
PHY
UP TO 100m
Figure 2. Line and Ring Topology
PHY
A PHY is the physical interface transceiver that implements the
physical layer functions of the open systems interconnection
(OSI) model. A PHY encodes and decodes the data transmitted
and received between devices, maintaining the integrity of the
frames and packets (see Figure 3).
PHY Hardware Configuration—Strapping Resistors
The ADIN1300 can be configured to power up ready to establish
a link. This PHY hardware configuration uses external strapping
resistors and provides a known configuration for power on in
an unmanaged application. Typically, in unmanaged applications,
users do not configure the PHY over the management data
input and output (MDIO). Instead, unmanaged applications rely
on the PHY hardware configuration to bring the ADIN1300 up
with the appropriate configuration ready to link with a remote
PHY partner. When the ADIN1300 powers up, the hardware
strapping pins are sampled when the device comes out of reset,
and the PHY device then knows how to configure the various
functions.
The hardware configuration modes of interest for this circuit
note are speed, PHY address, automatic medium dependent
interface crossover (Auto-MDIX), and MAC interface. The
EVAL-CN0506-FMCZ includes resistor footprints for the
various combinations, with a particular default configuration.
The resistor components can be inserted or removed if required
to change the default hardware configuration.
Consult the ADIN1300 data sheet for more information on
using the other features and functions such as energy efficient
Ethernet (EEE), energy detect power down, down speed, and
software power down.
CAT5e/CAT6
CABLE
PHYSICAL
MEDIUM
RJ45 WITH
INTEGRATED
MAGNETICS
SENSOR, ACTUATOR,
MOTOR, HMI, ETC.
MANAGEMENT
INTERFACE
MDIO
MAC
INTERFACE
RGMII/RMII/MII
HOST/
SWITCH
ADIN1300
PHY
MDI
Figure 3. Typical Networked Sensor with PHY Device



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com