Electronic Components Datasheet Search
  English  ▼

X  

DC9010A Datasheet(PDF) 39 Page - Linear Technology

Part # DC9010A
Description  Dust Networks Eterna??Serial Programmer Guide
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC9010A Datasheet(HTML) 39 Page - Linear Technology

Back Button DC9010A Datasheet HTML 35Page - Linear Technology DC9010A Datasheet HTML 36Page - Linear Technology DC9010A Datasheet HTML 37Page - Linear Technology DC9010A Datasheet HTML 38Page - Linear Technology DC9010A Datasheet HTML 39Page - Linear Technology DC9010A Datasheet HTML 40Page - Linear Technology DC9010A Datasheet HTML 41Page - Linear Technology DC9010A Datasheet HTML 42Page - Linear Technology DC9010A Datasheet HTML 43Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
Specifications
Specifications are at 25°C and 5V input supply voltage unless otherwise noted and may
change without notice.
Electrical Parameters
Parameter
Min
Typ
Max
Units
Comments
Input supply voltage
4.5
5
5.5
V
From USB
Input supply current (w/out target)
120
mA
Eterna programming current
15
mA
Target supply voltage
2.4
3
V
Maximum target load current
200
mA
Timing reference calibration resolution
0.4
ppm
Timing reference stability
Over operating temperature
Aging
+/- 2.5
+/- 1
ppm
ppm/year
Environmental Parameters
Parameter
Min
Typ
Max
Units
Comments
Operating temperature
0
50
°C
Storage temperature
-40
85
°C
Humidity
10
90
% RH
Non-condensing
Altitude
0
3000
m
Physical Parameters
Parameter
Min
Typ
Max
Units
Comments
Dimensions
24 x 100 x 52
mm
3
Weight
80
g
ETERNA
™ SERIAL PROGRAMMER GUIDE
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com