Electronic Components Datasheet Search
  English  ▼

X  

DC9010A Datasheet(PDF) 40 Page - Linear Technology

Part # DC9010A
Description  Dust Networks Eterna??Serial Programmer Guide
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC9010A Datasheet(HTML) 40 Page - Linear Technology

Back Button DC9010A Datasheet HTML 35Page - Linear Technology DC9010A Datasheet HTML 36Page - Linear Technology DC9010A Datasheet HTML 37Page - Linear Technology DC9010A Datasheet HTML 38Page - Linear Technology DC9010A Datasheet HTML 39Page - Linear Technology DC9010A Datasheet HTML 40Page - Linear Technology DC9010A Datasheet HTML 41Page - Linear Technology DC9010A Datasheet HTML 42Page - Linear Technology DC9010A Datasheet HTML 43Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
Addendum
Crystal changes on Printed Circuit Assembly (PCA) and Demo Circuits
Starting with Work Order (“WO”) number D603679, PCA products and Demo Circuits
containing the LTC5800 feature different crystals. The following image illustrates the
differences on an LTP5901 PCA product.
New (WO# > D603679)
Former (WO# < D603679)
20MHz crystal
Work Order
32kHz crystal
Board Specific Parameters (“Fuse Table”) associated with the version of
the 20 MHz crystal
If a PCA Product (LTP59xx) or a Demo Circuit (DCxxxx) is reprogrammed after it leaves
the factory, attention should be given to Board Specific Parameters.
Linear Technology provides binary images of the Board Specific Parameters called
“Fuse Tables” for each PCA Product and Demo Circuit. Fuse Table files are named after
the product and an internal part number of the form 680-xxxx-yyyy, where xxxx is a
sequential number specific to the PCA or Demo Circuit and yyyy is a version number.
PCA products and Demo Circuits
4 based on LTP5901 and LTP5902 with WO greater
than D603679 shall include Board Specific Parameters with version -0003 or newer.
LTP5900 products with WO greater than D603679 shall include Board Specific
Parameters with version -0005 or newer.
Other Demo Circuits such as the DC9000, DC9001, DC9003 and DC9007 are all built
prior to WO D603679 and may be programmed with any of the respective mote or
manager recommended Board Specific Parameters.
4 Demo Circuits based on LTP5901 or LTP5902 include DC9018, DC9021, DC2126 and DC2274 series
40
ETERNA
™ SERIAL PROGRAMMER GUIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com