Electronic Components Datasheet Search
  English  ▼

X  

PAC-95 Datasheet(PDF) 2 Page - Protek Devices

Part # PAC-95
Description  AC POWER LINE TVS COMPONENT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAC-95 Datasheet(HTML) 2 Page - Protek Devices

  PAC-95 Datasheet HTML 1Page - Protek Devices PAC-95 Datasheet HTML 2Page - Protek Devices PAC-95 Datasheet HTML 3Page - Protek Devices PAC-95 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.protekdevices.com
05186.R1 10/03
PAC-95
thru
PAC-240
DEVICE CHARACTERISTICS
kilowatts
UNITS
0
C
0
C
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Peak Pulse Power (tp =8/20µs) - See Fig. 1
SYMBOL
VALUE
5000 & 6900
PPP
PARAMETER
-40 to +125
Storage Temperature
-40 to +125
TJ
Operating Temperature
TSTG
ELECTRICAL CHARACTERISTICS
PART
NUMBER
RATED
STAND-OFF
VOLTAGE
BREAKDOWN
VOLTAGE
MAXIMUM
CLAMPING
VOLTAGE
@ 8/20µs
V
C @ IPP
TEMPERATURE
COEFFICIENT
OF V
(BR)
qV
(BR)
%/°C
PAC-95
PAC-130
PAC-240
135
202
380
157
214
400
299V @ 16kA
378V @ 16kA
692V @ 10kA
20
20
20
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
0.1
0.1
0.1
MIN
V
(BR)
VOLTS DC
@I
T
mA
1
1
1
95
130
240
VWM
VOLTS AC
V
WM
VOLTS DC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com