Electronic Components Datasheet Search
  English  ▼

X  

PAC-95 Datasheet(PDF) 4 Page - Protek Devices

Part # PAC-95
Description  AC POWER LINE TVS COMPONENT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAC-95 Datasheet(HTML) 4 Page - Protek Devices

  PAC-95 Datasheet HTML 1Page - Protek Devices PAC-95 Datasheet HTML 2Page - Protek Devices PAC-95 Datasheet HTML 3Page - Protek Devices PAC-95 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.protekdevices.com
05186.R1 10/03
PAC-95
thru
PAC-240
PACKAGE OUTLINE & DIMENSIONS
Outline & Dimensions: Rev 0 - 2/03, 06041
90VAC RADIAL LEAD PACKAGE OUTLINE
A
B
E
F
C
D
A
B
C
D
E
F
0.69
0.54
0.049
0.934 ± 0.046
0.29
0.787
18.12
13.72
1.25
23.722 ±1.16
7.37
20.0
DIM
(Nominal)
(Nominal)
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
(130 & 240 VAC Devices)
130 & 240 VAC RADIAL LEAD PACKAGE OUTLINE
A
B
C
D
E
F
0.49
0.49
0.05
0.79
0.25
0.92
12.5
12.45
1.27
20.1
6.35
23.37
DIM
(Nominal)
(Nominal)
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
(90 VAC Device)
A
B
E
F
D
C
COPYRIGHT © ProTek Devices 2005
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and
specifications is the buyer’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or
specifications of such products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com