Electronic Components Datasheet Search
  English  ▼

X  

PLC496 Datasheet(PDF) 5 Page - Protek Devices

Part # PLC496
Description  ULTRA LOW CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLC496 Datasheet(HTML) 5 Page - Protek Devices

  PLC496 Datasheet HTML 1Page - Protek Devices PLC496 Datasheet HTML 2Page - Protek Devices PLC496 Datasheet HTML 3Page - Protek Devices PLC496 Datasheet HTML 4Page - Protek Devices PLC496 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
www.protekdevices.com
05109.R6 4/05
PLC496
PACKAGE OUTLINE & DIMENSIONS
Outline & Dimensions: Rev 1 - 11/01, 06009
TAPE & REEL/BULK ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance
with EIA-481.
2. Suffix-T7 = 7 Inch Reel - 1,000 pieces per 12mm tape,
i.e.,
PLC496-T7.
3. Suffix-T13 = 13 Inch Reel - 2,500 pieces per 12mm tape,
i.e.,
PLC496-T13.
4. Suffix - LF = Lead-Free, Pure-Tin Plating,
i.e.,
PLC496-LF-T7.
5. No Suffix = Product Shipped in Tubes of 98 pcs per Tube.
A
B
C
D
F
G
J
K
P
R
4.80
3.80
1.35
0.35
0.40
1.27 BSC
0.18
0.10
5.80
0.25
5.00
4.00
1.75
0.49
1.250
1.27 BSC
0.25
0.25
6.20
0.50
0.189
0.150
0.054
0.014
0.016
0.05 BSC
0.007
0.004
0.229
0.010
0.196
0.157
0.068
0.019
0.049
0.05 BSC
0.009
0.008
0.244
0.019
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES
1. - T - = Seating Plane and Datum Surface.
2. Dimensions “A” and “B” are Datum.
3. Dimensions “A” and “B” do not include mold protrusion.
4. Maximum mold protrusion is 0.015” (0.380 mm) per side.
5. Dimensioning and tolerances per ANSI Y14.5M, 1982.
6. Dimensions are exclusive of mold flash and metal burrs.
-A-
85
1
4
-B - P
G
D
-T-
C
K
J
R x 45°
0° - 10°
F
4 PL
0.010” (0.25 MM) M
M
B
+
8 PL
0.010” (0.25 MM) M
S
B
+
S
A
T
PACKAGE OUTLINE
SO-8
0.050 ± 0.005”
0.030 ± 0.005”
0.245” MIN
0.160 ± 0.005”
0.045 ± 0.005”
MOUNTING PAD
COPYRIGHT © ProTek Devices 2005
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and
specifications is the buyer’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or
specifications of such products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com