Electronic Components Datasheet Search
  English  ▼

X  

PLC496 Datasheet(PDF) 4 Page - Protek Devices

Part # PLC496
Description  ULTRA LOW CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLC496 Datasheet(HTML) 4 Page - Protek Devices

  PLC496 Datasheet HTML 1Page - Protek Devices PLC496 Datasheet HTML 2Page - Protek Devices PLC496 Datasheet HTML 3Page - Protek Devices PLC496 Datasheet HTML 4Page - Protek Devices PLC496 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.protekdevices.com
05109.R6 4/05
PLC496
APPLICATION NOTE
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Circuit board layout is critical for Electromagnetic
Compatibility (EMC) protection. The following guidelines
are recommended:
✔
The protection device should be placed near the
input terminals or connectors, the device will divert
the transient current immediately before it can be
coupled into the nearby traces.
✔
The path length between the TVS device and the
protected line should be minimized.
✔
All conductive loops including power and ground
loops should be minimized.
✔
The transient current return path to ground should
be kept as short as possible to reduce parasitic
inductance.
✔
Ground planes should be used whenever possible.
For multilayer PCBs, use ground vias.
The PLC496 is an ultra low capacitance, bidirectional array that is designed to protect I/O or high speed data lines from the damaging effects of ESD
or EFT. This product has a surge capability of 500 Watts P
PP per line for an 8/20µs waveshape and offers ESD protection > 40kV.
DIFFERENTIAL-MODE CONFIGURATION (Figure 1)
The PLC496 is designed to protect one bidirectional line where the normal signal
voltage is both positive and negative. Figure 1 shows a typical differential-mode
line to line) I/O port protection circuit application.
Circuit connectivity is as follows:
✔ Pins 1, 4 5 and 8 are connected to the data lines
✔ Pins 2, 3, 7 and 6 are not connected.
COMMON-MODE CONFIGURATION (Figure 2)
The PLC496 can provide protection for sensor circuit applications. Figure 2, is a
typical common-mode (line to ground) sensor circuit application.
Circuit connectivity is as follows:
✔ Pins 1 and 8 connected to the dataline
✔ Pins 4 and 5 connected to ground
✔ Pins 2, 3, 6, and 7 are not connected
LINE 2 IN
Figure 1. Typical Differential Mode I/O Port Protection
1
2
3
8
4
7
6
5
LINE 1
OUT
LINE 1 IN
LINE 2
OUT
NC
NC
NC
NC
18
2
3
4
7
6
5
18
2
3
4
7
6
5
Figure 2. Typical Common Mode Sensor Protection Circuit
SENSOR
CIRCUITRY
NC
NC
NC
NC
NC
NC
NC
NC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com