Electronic Components Datasheet Search
  English  ▼

X  

WR21 Datasheet(PDF) 2 Page - Digi International Inc.

Part # WR21
Description  Compact, flexible, low-cost 3G/4G/LTE enterprise router for remote and mobile networking applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

WR21 Datasheet(HTML) 2 Page - Digi International Inc.

  WR21 Datasheet HTML 1Page - Digi International Inc. WR21 Datasheet HTML 2Page - Digi International Inc. WR21 Datasheet HTML 3Page - Digi International Inc. WR21 Datasheet HTML 4Page - Digi International Inc. WR21 Datasheet HTML 5Page - Digi International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DIGI.COM
Digi TransPort® WR21
WIRELESS INTERFACES
CELLULAR*
LTE - NORTH AMERICA (M5)
LTE Cat 4: 700(B12,13)/850(B5)/AWS(B4)/1900(B2)
3G HSPA+: 850/1900 MHz
Transfer rate (max): 150 Mbps down, 50 Mbps up
Approvals: PTCRB, AT&T, Verizon, Telus (pending)
LTE - EMEA/APAC (M7)
LTE Cat 4: 800(B20)/900(B8)/1800(B3)/2100(B1)/2600(B7)
HSPA: 900/2100 MHz
EDGE: 900/1800 MHz
Transfer rate (max): 150 Mbps down, 50 Mbps up
LTE 450 - EMEA/APAC (M2)
LTE Cat 3: 450(B31)/800(B20)/1800(B3)/2600 (B7)
HSPA+: 900/2100 MHz
EDGE: 900/1800 MHz
Transfer rate (max): 100 Mbps down, 50 Mbps up
GLOBAL HSPA+ (U9)
3G HSPA+: 850/900/1700AWS/1900/2100 MHz
2G EDGE/GPRS: 850/900/1800/1900 MHz
Transfer rate (max): 21 Mbps down, 5.76 Mbps up
Approvals: PTCRB, Vodafone
EMEA CDMA EV-DO (D5)
3G EVDO Rev B: 450 MHz
2G 1XRTT: 450 MHz
Transfer rate (max): 14.7 Mbps down, 5.4 Mbps up
GSM-R (R5)
900/1800/1900 MHz (TRM-5); GPRS Class 10; transfer rate (max): 42.8 Kbps up, 85.6 Kbps down
CONNECTORS
(2) 50 Ω SMA (center pin: female)
SIM SLOTS
(2) Mini-SIM (2FF)
SIM SECURITY
Optional SIM slot cover plate
GPS**
CHANNELS
12 channel, continuous tracking
SENSITIVITY
Tracking1: -161 dBm; Acquisition2 (Assisted, non-LTE): -158 dBm; Acquisition (Assisted, LTE): -153 dBm;
Acquisition (Standalone): -145 dBm
PROTOCOL
NMEA 0183 V3.0
COLD START
< 0.2 m/s
HORIZONTAL ACCURACY
< 2 m (50%); < 5 m (90%)
VELOCITY ACCURACY
< 0.2 m/s
OTHER
ADDITIONAL FEATURES
Send GPS via UDP/IP, TCP/IP (up to two destinations) or serial; customize and/or send data using Python; GPS status query;
time source capable
WIRED INTERFACES
SERIAL
PORTS
(1) DB-9; DCE
DTE/DCE
DCE
SIGNAL SUPPORT
TXD, RXD, RTS, CTS, DTR, DCD, DSR, RI
FLOW CONTROL
Software (XON/XOFF), hardware supported
ETHERNET
PORTS
(2) RJ-45; 10/100 Mbps (auto-sensing)
USB
PORTS
(1) USB 2.0 Type A
*Transfer rates are theoretical and network operator dependent.
**Optional hardware.
SPECIFICATIONS
Digi TransPort® WR21



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com