Electronic Components Datasheet Search
  English  ▼

X  

WR21 Datasheet(PDF) 5 Page - Digi International Inc.

Part # WR21
Description  Compact, flexible, low-cost 3G/4G/LTE enterprise router for remote and mobile networking applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

WR21 Datasheet(HTML) 5 Page - Digi International Inc.

  WR21 Datasheet HTML 1Page - Digi International Inc. WR21 Datasheet HTML 2Page - Digi International Inc. WR21 Datasheet HTML 3Page - Digi International Inc. WR21 Datasheet HTML 4Page - Digi International Inc. WR21 Datasheet HTML 5Page - Digi International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPECIFICATIONS
91001409
D1/1019
DIGI INTERNATIONAL WORLDWIDE HQ
877-912-3444 / 952-912-3444 / www.digi.com
DIGI INTERNATIONAL JAPAN
+81-3-5428-0261 / www.digi-intl.co.jp
DIGI INTERNATIONAL GERMANY
+49-89-540-428-0
DIGI INTERNATIONAL SINGAPORE
+65-6213-5380
DIGI INTERNATIONAL CHINA
+86-21-50492199 / www.digi.com.cn
DIGI SERVICE AND SUPPORT / You can purchase with confidence knowing that Digi
is always available to serve you with expert technical support and our industry
leading warranty. For detailed information visit www.digi.com/support.
© 1996-2019 Digi International Inc. All rights reserved.
All trademarks are the property of their respective owners.
PART NUMBERS
ACCESSORIES*
76000960
Antenna - cellular, 450 MHz
76000926
Antenna - cellular, 3G/4G/LTE
76000954
Antenna base – SMA, 1m, RG174
76002059
Accessory kit - DC power
76002060
Accessory kit - AC power, std temperature, int’l plugs
76002061
Accessory kit - AC power, extd temperature, US and EU cords
76000821
DC power cord - 2.1mm locking barrel plug to bare wire, 4m.
76000736
AC power supply - extd temperature, US and EU power cords to 12 VDC - bare wire
76000823
AC power supply - Std temperature, universal plugs (US, EU, UK, AU) to 12 VDC - 2.1mm locking barrel plug
76000752
AC power supply - extd temperature, US and EU power cords to 12 VDC - 2.1mm locking barrel
76000879
Mounting bracket - DIN rail
76000775
Mounting bracket - wall-mount
76000916
Mounting bracket - DIN rail
76000787
SIM slot cover plate - 10pk
76000826
Cable - Ethernet, RJ-45 to RJ-45, 2m
*Sold separately, unless otherwise noted.
PART NUMBERS
DIGI TRANSPORT WR21
WR21-M52B-DE1-SB
Digi TransPort WR21 - 4G LTE North America, dual Ethernet, RS-232
WR21-M72B-DE1-SB
Digi TransPort WR21 - 4G LTE EMEA/APAC, dual Ethernet, RS-232
WR21-M22B-DE1-SB
Digi TransPort WR21 - 4G LTE EMEA/APAC (450MHz), dual Ethernet, RS-232
WR21-U92B-DE1-SB
Digi TransPort WR21 - HSPA+ Global, dual Ethernet, RS-232
WR21-R52A-DE1-TB
Digi TransPort WR21 - GSM-R, dual Etherent, RS-232/422/485
WR21-M52A-DE1-TB
Digi TransPort WR21 - 4G LTE North America, dual Ethernet, RS-232/422/485
WR21-M72A-DE1-TB
Digi TransPort WR21 - 4G LTE EMEA/APAC, dual Ethernet, RS-232/422/485
WR21-D52A-DE1-TA
Digi TransPort WR21 - CDMA 450MHz, dual Ethernet, RS-232/422/485
DIGI FOUNDATIONS™
AVAILABLE FOR DIGI TRANSPORT WR21
DGF-BDL-STAN-1YR
Digi Foundations add-on, 1 year, includes Expert Support, Digi Remote Manager, and Limited Lifetime Warranty
DGF-BDL-STAN-3YR
Digi Foundations add-on, 3 years, includes Expert Support, Digi Remote Manager, and Limited Lifetime Warranty
DGF-BDL-STAN-5YR
Digi Foundations add-on, 5 years, includes Expert Support, Digi Remote Manager, and Limited Lifetime Warranty



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com