Electronic Components Datasheet Search
  English  ▼

X  

260 Datasheet(PDF) 1 Page - 3M Electronics

Part # 260
Description  One-Part, General Purpose Epoxy Powder Resin
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

260 Datasheet(HTML) 1 Page - 3M Electronics

  260 Datasheet HTML 1Page - 3M Electronics 260 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
Scotchcast™
Electrical Resin 260
One-Part, General Purpose Epoxy Powder Resin
• Fast curing
• Excellent electrical properties
• Excellent thermal shock and impact resistance
• Excellent heat, chemical and moisture resistance
• Excellent cut-through resistance
• Excellent flow
• UL 1446 Electrical Insulation System (EIS) approval at
class 120(E), 130(B), 155(F), and 180(H)
• Also available as Scotchcast 260CG, a coarse ground
version for improved electrostatic spray applications
• Also available as a faster curing version designated
Scotchcast 260 8 G
3M™ Scotchcast™ Electrical Resin 260 is a widely used,
well-known general purpose epoxy powder resin.
A one-part, green pigmented, rapid heat-curing product,
it is designed to provide a continuous, tough, moisture and
chemical resistant dielectric coating to a variety
of substrates.
Resin 260 is manufactured by a fusion blend process,
insuring that each individual particle of powder contains
all the components necessary to effect a complete cure and
attain stated performance properties.
Resin 260 is applied to an object that has been heated
to a temperature above the melting point of the resin. On
contact with the preheated application surface, the resin
melts, flows to a controlled extent, then cures, bonding to
the substrate and coalescing into a smooth, continuous,
essentially uniform, thick coating. It effectively coats flat
surfaces and corners, as well as, high points. Uses for
resin 260 include moisture-proofing and insulating
armatures, stators, buss bars and toroid cores.
Scotchcast™ Electrical Resin 260 – Typical Properties
Property
Value
Color
Green
Specific Gravity1 (cured)
1.43
Dielectric Strength3 12 to 15 mil (305µ-381µ) coating
1000 v/mil
Thermal Shock2 - 10 cycles - 75° C (167° F) to 155° C (311° F)
12-15 mil (305µ-381µ) coating 1/8'' sandblasted steel panel
Passes
Impact Resistance2
12-15 mil coating 1/8'' sandblasted steel panel
Gardner 5/8 inch Radius Impact Tester
100 inch-lbs
Cut-Through Resistance2 - 1 lb. wt.; 18 AWG wire
215° C (410° F)
Abrasion Resistance4
.08 grams loss
Edge Coverage2 - 12 to 15 mil (305µ-381µ) coating on flat
35 - 45%
Gel Time2 @ 193° C (380° F) hot plate
12-16 seconds (260, 260 CG)
6-10 seconds (260 8 G)
*Not recommended for specification purposes. Product specifications will be provided upon request.
Test Methods
1
ASTM D-792
2
3M Test Method
3
ASTM D-149
4
ASTM 4060


Similar Part No. - 260

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
260 SWITCH-260 Datasheet
32Kb / 1P
1/4 COMMERCIAL PHONE PLUGS
logo
List of Unclassifed Man...
260 ETC2-260 Datasheet
313Kb / 1P
Wiha Soft Grip PicoFinish Precision Screwdrivers
logo
Adafruit Industries
260 ADAFRUIT-260 Datasheet
177Kb / 1P
USB cable ‐ A/MiniB ‐ 3ft
11-6-17
logo
Keystone Electronics Co...
260 KEYSTONE-260 Datasheet
197Kb / 1P
8V BATTERY CONNECTORS
2.09.21 REV. A
logo
Walther-Werke
260 406 DF WALTHER-260 406 DF Datasheet
1Mb / 2P
Plugs IP 44 and IP 67
More results

Similar Description - 260

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
2S2M KERSEMI-2S2M Datasheet
1Mb / 4P
Employs flame-retardant epoxy resin
03P4MG KERSEMI-03P4MG Datasheet
1Mb / 5P
Employs flame-retardant epoxy resin
logo
OSRAM GmbH
KWDPLS31.EC OSRAM-KWDPLS31.EC Datasheet
1Mb / 24P
SMD epoxy package, colored silicone resin
KRTB-EILP41.32 OSRAM-KRTB-EILP41.32 Datasheet
968Kb / 29P
SMT package, epoxy resin
KRTB-HDLP71.32 OSRAM-KRTB-HDLP71.32 Datasheet
656Kb / 28P
SMT package, epoxy resin
KW-DPLS31.EC OSRAM-KW-DPLS31.EC Datasheet
1Mb / 24P
SMD epoxy package, colored silicone resin
KW-DPLS31.SB OSRAM-KW-DPLS31.SB Datasheet
778Kb / 24P
SMD epoxy package, colored silicone resin
KW-DPLS32.EC OSRAM-KW-DPLS32.EC Datasheet
921Kb / 29P
SMD epoxy package, colored silicone resin
LRTB-R48G OSRAM-LRTB-R48G Datasheet
1Mb / 29P
SMT package, epoxy resin
logo
List of Unclassifed Man...
ER2220 ETC1-ER2220 Datasheet
308Kb / 6P
Epoxy Resin
02 February 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com