Electronic Components Datasheet Search
  English  ▼

X  

260 Datasheet(PDF) 2 Page - 3M Electronics

Part # 260
Description  One-Part, General Purpose Epoxy Powder Resin
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

260 Datasheet(HTML) 2 Page - 3M Electronics

  260 Datasheet HTML 1Page - 3M Electronics 260 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3
Corrosion Protection Department
6801 River Place Blvd.
Austin, TX 78726-9000
http://www.3M.com/corrosion
40% Pre-consumer waste paper
10% Post-consumer waste paper
Usage Information
Method of Application
The rapid cure of 3M™ Scotchcast™ Electrical Resin 260
permits the use of high-speed production methods. The
powder can be readily applied by spraying techniques as
well as through the use of fluid bed dipping of preheated
parts. Automated and manual types of application equipment
are both available. Equipment manufacturers’ names can be
suggested upon request.
Curing
The cure of resin 260 to a thermoset condition is a time/
temperature relationship. The retained heat in application
units having high heat capacity is sufficient in many cases
to effect a cure of the resin without the need for post-curing
facilities. For example, if an application surface can retain a
temperature of 204°C (400°F) for 45 seconds after coating,
it will be fully cured. Small articles, or those with a large
surface-to-mass ratio, lose heat rapidly and
may require a higher preheat temperature and/or additional
oven-curing.
The figures below represent nominal guidelines for
obtaining the resin’s adhesion, impact and chemical
resistance characteristics.
Time
Cure Temperature
260, 260CG
260 8G
149°C (300°F)
30 minutes
20 minutes
177°C (350°F)
10 minutes
7 minutes
204°C (400°F)
45 seconds
35 seconds
232°C (450°F)
20 seconds
15 seconds
Time does not include that required to reach the cure
temperature. The user must determine the time required for
the coated substrate to reach listed temperatures.
Preheat Temperature Range
Prior to applying resin 260, the part must be preheated to
a temperature ranging from 150°C (302°F) to 260°C
(500° F). The optimum preheat temperature depends upon
the size, heat capacity and configuration of the object to
be coated, as well as the method of application. The ideal
coating temperature will vary for each application and is
best determined by experimentation.
Storage
Laboratory evaluation indicates that the usable shelf life
of this product is twenty four (24) months from the date of
manufacture when stored at temperatures not exceeding
27°C (80°F), provided the material is stored in its original
container. For 260 8G, the usable shelf life is twelve (12)
months under the same conditions. Care should be taken
when removing resin from the original shipping container
to prevent inclusion of foreign material. After resin removal,
the bag should be retied immediately. This will help to avoid
agglomeration caused by excess moisture. For best results,
store in a cool, dry place.
UL Recognition
Scotchcast electrical resin 260 has UL 1446 system approval
as major insulation for use in motor, transformer, and coil
constructions. The product is listed under File Number
E163090, System Designation 3M120-1, 3M130-1,
3M155-1,and 3M180-1. These systems are rated class E, B,
F and H respectively. Resin 260 is also recognized in UL file
#E35075, Guide QMFZ2.
Users interested in applying these insulation systems to
their design are invited to contact 3M for an approval letter
to obtain access to the UL file for further information.
Underwriters Laboratories (UL) recognized products
have been evaluated for use as components of end product
equipment that is listed or classified by UL.
To achieve Underwriters Laboratories recognition,
component construction must meet UL specifications and
conditions of acceptability for proper and safe use of the
component or product.
Handling and Safety Precautions
Read all Health Hazard, Precautionary, and First Aid
statements found in the Material Safety Data Sheet, and/or
product label prior to handling or use.
Ordering Information/Customer Service
For ordering information, technical information, product
information or to request a copy of the Material Safety Data
Sheet:
Phone: 800/722-6721 or 512/984-1038
Fax: 877/601-1305 or 512/984-6296
3M and Scotchkote are trademarks of 3M Company.
Important Notice
All statements, technical information, and recommendations related to
3M’s products are based on information believed to be reliable, but the
accuracy or completeness is not guaranteed. Before using this prod-
uct, you must evaluate it and determine if it is suitable for your intend-
ed application. You assume all risks and liability associated with such
use. Any statements related to the product which are not contained
in 3M’s current publications, or any contrary statements contained on
your purchase order shall have no force or effect unless expressly
agreed upon, in writing, by an authorized officer of 3M.
Warranty; Limited Remedy; Limited Liability.
This product will be free from defects in material and manufacture
for a period of [add warranty time period] from the time of purchase.
3M MAKES NO OTHER WARRANTIES INCLUDING, BUT NOT
LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY
OR FITNESS FOR A PARTICULAR PURPOSE. If this product is
defective within the warranty period stated above, your exclusive rem-
edy shall be, at 3M’s option, to replace or repair the 3M product or
refund the purchase price of the 3M product.
Except where prohib-
ited by law, 3M will not be liable for any indirect, special, inciden-
tal or consequential loss or damage arising from this 3M product,
regardless of the legal theory asserted.
Litho in USA
© 3M 2005 80-6111-8365-0 Rev. A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com