Electronic Components Datasheet Search
  English  ▼

X  

320 Datasheet(PDF) 1 Page - Fluke Corporation

Part # 320
Description  320 Series True-rms Clamp Meters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

320 Datasheet(HTML) 1 Page - Fluke Corporation

  320 Datasheet HTML 1Page - Fluke Corporation 320 Datasheet HTML 2Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Fluke 323, 324 and 325 Clamp Meters are designed to
perform in the toughest environments and provide noise-free,
reliable results users can trust to confidently diagnose prob-
lems. True-rms measurements and optimized ergonomics make
the 320 Series Clamp Meters the best general troubleshooting
tools for commercial and residential electricians.
Technical Data
Measurement capability
•
400 A ac current
measurement (ac and dc
current; 325 only)
•
600 V ac and dc voltage
measurement
•
True-rms ac voltage
and current for accurate
measurements on non-linear
signals
•
Resistance measurement to
up to 40 kΩ with continuity
detection
•
Temperature and capacitance
measurement (324 and 325
only)
•
Frequency measurement
(325 only)
Features
•
Slim, ergonomic design
•
Large, easy to read backlight
display (324 and 325 only)
•
CAT IV 300 V/CAT III 600 V
safety rating
•
Hold button
•
Two-year warranty
•
Soft carrying case
Fluke rugged. Fluke precise. Fluke reliable.
320 Series True-rms
Clamp Meters
300 V
600 V


Similar Part No. - 320

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
320 DBLECTRO-320 Datasheet
323Kb / 1P
SCREW TYPE SERIES
logo
Semikron International
320 SEMIKRON-320 Datasheet
370Kb / 3P
Rectifier Diode
logo
Intel Corporation
320 INTEL-320 Datasheet
1Mb / 82P
Celeron D Processor
logo
E-SWITCH
320 E-SWITCH-320 Datasheet
327Kb / 3P
TACT SWITCHES
logo
Oscilent Corporation
320 OSCILENT-320 Datasheet
143Kb / 3P
Clock Oscillators
More results

Similar Description - 320

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX612 EXTECH-EX612 Datasheet
385Kb / 14P
400Amp True RMS AC Clamp Meter
EX613 EXTECH-EX613 Datasheet
384Kb / 14P
400Amp True RMS AC/DC Clamp Meter
MA620 EXTECH-MA620 Datasheet
296Kb / 12P
600Amp AC True RMS Clamp Meter
MA640 EXTECH-MA640 Datasheet
306Kb / 12P
600Amp AC/DC True RMS Clamp Meter
logo
LEM
LH40 LEM-LH40 Datasheet
480Kb / 2P
True RMS AC/DC Clamp-on Multimeters
logo
Extech Instruments Corp...
MA410T EXTECH-MA410T_15 Datasheet
247Kb / 1P
400A AC True RMS Clamp Meter NCV
MA620 EXTECH-MA620_15 Datasheet
352Kb / 1P
600A True RMS Clamp Meters NCV
MA640 EXTECH-MA640_15 Datasheet
352Kb / 1P
600A True RMS Clamp Meters NCV
382400 EXTECH-382400_15 Datasheet
238Kb / 1P
Flexible True RMS AC Current Clamp
logo
Fluke Corporation
353 FLUKE-353 Datasheet
485Kb / 3P
True-rms 2000 A Clamp Meters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com