Electronic Components Datasheet Search
  English  ▼

X  

320 Datasheet(PDF) 2 Page - Fluke Corporation

Part # 320
Description  320 Series True-rms Clamp Meters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

320 Datasheet(HTML) 2 Page - Fluke Corporation

  320 Datasheet HTML 1Page - Fluke Corporation 320 Datasheet HTML 2Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 Fluke Corporation 320 Series True-rms Clamp Meters
Fluke Corporation
PO Box 9090, Everett, WA 98206 U.S.A.
Fluke Europe B.V.
PO Box 1186, 5602 BD
Eindhoven, The Netherlands
For more information call:
In the U.S.A. (800) 443-5853 or
Fax (425) 446-5116
In Europe/M-East/Africa +31 (0) 40 2675 200 or
Fax +31 (0) 40 2675 222
In Canada (800)-36-FLUKE or
Fax (905) 890-6866
From other countries +1 (425) 446-5500 or
Fax +1 (425) 446-5116
Web access: http://www.fluke.com
©2012 Fluke Corporation.
Specifications subject to change without notice.
Printed in U.S.A. 5/2012 4217271A_EN
Modification of this document is not permitted
without written permission from Fluke Corporation.
Fluke.
Keeping your world
up and running.®
Ordering information
323 True-rms Clamp Meter
324 True-rms Clamp Meter
325 True-rms Clamp Meter
Included with all models
Clamp meter, test leads, soft case,
and users manual.
Specifications
 
323
324
325
AC current
Range
400.0 A
40.00 A/400.0 A
40.00 A/400.0 A
Accuracy
2 % ± 5 digits
(45 Hz to 65 Hz)
2.5 % ± 5 digits
(65 Hz to 400 Hz)
1.5 % ± 5 digits
(45 Hz to 400 Hz)
Note: Add 2 %
for position sensitivity
2 % ± 5 digits
(45 Hz to 65 Hz)
2.5 % ± 5 digits
(65 Hz to 400 Hz)
DC current
Range
—
—
40.00 A/400.0 A
Accuracy
—
—
2 % ± 5 digits
AC voltage
Range
600.0 V
600.0 V
600.0 V
Accuracy
1.5 % ± 5 digits
1.5 % ± 5 digits
1.5 % ± 5 digits
DC voltage
Range
600.0 V
600.0 V
600.0 V
Accuracy
1.0 % ± 5 digits
1.0 % ± 5 digits
1.0 % ± 5 digits
Resistance
Range
400.0 Ω/4000 Ω
400.0 Ω/4000 Ω
400.0 Ω/4000 Ω/40.00 kΩ
Accuracy
1 % ± 5 digits
1 % ± 5 digits
1 % ± 5 digits
Continuity
≤ 70 Ω
≤ 30 Ω
≤ 30 Ω
Capacitance
—
100.0 µF to 1000 µF
100.0 µF to 1000 µF
Frequency
—
—
5.0 Hz to 500.0 Hz
AC response
True-rms
True-rms
True-rms
Backlight
—
Yes
Yes
Data hold
Yes
Yes
Yes
Contact temperature
—
-10.0 °C to 400.0 °C
(14.0 °F to 752.0 °F)
-10.0 °C to 400.0 °C
(14.0 °F to 752.0 °F)
Min/Max
—
—
Yes
Size
H x W x D (mm)
207 x 75 x 34
207 x 75 x 34
207 x 75 x 34
Max wire diameter
30 mm (600 MCM)
30 mm (600 MCM)
30 mm (600 MCM)
Weight
265 g
208 g
283 g
Category rating
CAT III 600 V
CAT IV 300 V
CAT III 600 V
CAT IV 300 V
CAT III 600 V
CAT IV 300 V
Warranty
Two-year
Two-year
Two-year



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com