Electronic Components Datasheet Search
  English  ▼

X  

UM1919 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM1919
Description  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1919 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM1919 Datasheet HTML 23Page - STMicroelectronics UM1919 Datasheet HTML 24Page - STMicroelectronics UM1919 Datasheet HTML 25Page - STMicroelectronics UM1919 Datasheet HTML 26Page - STMicroelectronics UM1919 Datasheet HTML 27Page - STMicroelectronics UM1919 Datasheet HTML 28Page - STMicroelectronics UM1919 Datasheet HTML 29Page - STMicroelectronics UM1919 Datasheet HTML 30Page - STMicroelectronics UM1919 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
DocID028080 Rev 1
27/37
UM1919
Demonstration firmware settings
36
The wakeup pin 2 is used to wake up the MCU from Standby and Shutdown modes.
5.4
Low-power strategy
The STM32CubeL4 demonstration firmware is designed to highlight the low-power
consumption capabilities of both the STM32L476VG MCU and the STM32L476G discovery
board.
The Figure 20 illustrates the low-power strategy put in place in the STM32Cube
demonstration firmware based on no running application and user activity monitoring.
Figure 20. Low-power scheme
5.5
FreeRTOS resources
The STM32L476G demonstration firmware is designed on top of CMSIS-OS drivers based
on FreeRTOS. The resources used in the firmware demonstration are listed hereafter.
As a reminder FreeRTOS configuration is described in FreeRTOSConfig.h file.
EXTI Line 13
IDD application
(Interrupt from MFXSTM32L152 MCU)
15, 15
SysTick
CortexM4 System Timer for OS Tick
15, 0
Table 8. Demonstration firmware interrupts (continued)
Interrupts
Application/module
Priority, SubPriority
(highest=0, 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com