Electronic Components Datasheet Search
  English  ▼

X  

UM1919 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM1919
Description  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1919 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM1919 Datasheet HTML 29Page - STMicroelectronics UM1919 Datasheet HTML 30Page - STMicroelectronics UM1919 Datasheet HTML 31Page - STMicroelectronics UM1919 Datasheet HTML 32Page - STMicroelectronics UM1919 Datasheet HTML 33Page - STMicroelectronics UM1919 Datasheet HTML 34Page - STMicroelectronics UM1919 Datasheet HTML 35Page - STMicroelectronics UM1919 Datasheet HTML 36Page - STMicroelectronics UM1919 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
DocID028080 Rev 1
33/37
UM1919
Kernel description
36
7.4
Kernel event manager
The kernel provides services to manage events mainly here user key input (k_menu.h file)
kMenu_SendEvent() is called from the interrupt IRQ callback (HAL_GPIO_EXTI_Callback())
to send the event message to the Kernel event mailbox.
kMenu_GetEvent() is called by either the kernel event manager in
kMenu_HandleSelection() or directly by the running module application expecting user input
keys.
7.5
Module manager
The main demonstration menu is initialized and launched by the Start thread.
The modules are managed by the kernel; this later is responsible of initializing the modules,
initializing hardware resources relative to the modules and initializing the system menu.
Each module should provide the following functionalities and properties:
1.
Graphical component structure.
2.
Method to startup the module.
3.
Method to manage low-power mode (optional)
4.
The application task
5.
The module background process (optional)
6.
Specific configuration
7.
Error management
The modules can be added in run time to the demonstration and can use the common
kernel resources. The following code shows how to add a module to the demonstration:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com