Electronic Components Datasheet Search
  English  ▼

X  

LM119 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM119
Description  HIGH SPEED DUAL COMPARATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM119 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM119 Datasheet HTML 1Page - National Semiconductor (TI) LM119 Datasheet HTML 2Page - National Semiconductor (TI) LM119 Datasheet HTML 3Page - National Semiconductor (TI) LM119 Datasheet HTML 4Page - National Semiconductor (TI) LM119 Datasheet HTML 5Page - National Semiconductor (TI) LM119 Datasheet HTML 6Page - National Semiconductor (TI) LM119 Datasheet HTML 7Page - National Semiconductor (TI) LM119 Datasheet HTML 8Page - National Semiconductor (TI) LM119 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MICROCIRCUIT DATA SHEET
MDLM119-X REV 2A2
Features
- Two independent comparators.
- Operates from a single 5V supply.
- Typically 80nS response time at +15V.
- Minimum fan-out of 2 each side.
- Maximum input current of 1uA over temperature.
- Inputs and outputs can be isolated from system ground.
- High common mode slew rate.
- CONTROLLING DOCUMENTS
LM119E-SMD
86014012A
LM119H-QMLV
5962-9679801VIA
LM119H-SMD
8601401IA
LM119J-QMLV
5962-9679801VCA
LM119J-SMD
8601401CA
LM119W-QMLV
5962-9679801VHA
LM119W-SMD
8601401HA
LM119WG-QMLV
5962-9679801VXA
LM119WG-SMD
8601401X
Although designed primarily for applications requiring operation from digital logic
supplies, the LM119 is fully specified for power supplies up to +15V. It features faster
response than the LM111 at the expense of higher power dissipation. However, the high
speed, wide operating voltage range and low package count make the LM119 much more
versatile than older devices.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com