Electronic Components Datasheet Search
  English  ▼

X  

LM119 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM119
Description  HIGH SPEED DUAL COMPARATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM119 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM119 Datasheet HTML 2Page - National Semiconductor (TI) LM119 Datasheet HTML 3Page - National Semiconductor (TI) LM119 Datasheet HTML 4Page - National Semiconductor (TI) LM119 Datasheet HTML 5Page - National Semiconductor (TI) LM119 Datasheet HTML 6Page - National Semiconductor (TI) LM119 Datasheet HTML 7Page - National Semiconductor (TI) LM119 Datasheet HTML 8Page - National Semiconductor (TI) LM119 Datasheet HTML 9Page - National Semiconductor (TI) LM119 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MDLM119-X REV 2A2
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS:(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vcm = 0V
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vsat
Output Saturation
Voltage
Vcc = +15V, Iout = 25mA, Vin < -5mV
1
1.5
V
1, 2,
3
+Vcc = 3.5V, -Vcc = -1V, Vin < -6mV,
Isink < 3.2mA
0.4
V
1, 2
0.6
V
3
Av
Voltage Gain
+Vcc = +15V, Delta Vout = 12V
4
10.5
K
4
4
10
K
5, 6
Vcc = 5V, Delta Vout = 4.5V
2, 4
8
K
4
2, 4
5
K
5
2, 4
5.8
K
6
CMRR
Common Mode
Rejection Ratio
+Vcc = +15V, Vcm = +12V
80
dB
4
DC PARAMETERS: DRIFT VALUES
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vcm = 0V.
Delta calculations performed on JAN S and QMLV devices at group B, subgroup 5 ONLY.
Icc+
Positive Supply
Current
+Vcc = +15V
-1
1
mA
1
Icc-
Negative Supply
Current
+Vcc = +15V
-0.5
0.5
mA
1
Vio
Input Offset
Voltage
Vcc = 5V, Vcm = 1V, Rs < 5K
-0.4
0.4
mV
1
Note 1:
Vin > 8mV at extremes for Ileak and Vin < -8mV at extremes for Vsat (Vin to exceed
Vos).
Note 2:
5 Volt differential across +Vcc and -Vcc.
Note 3:
Parameter guaranteed by Vio and Iio tests.
Note 4:
K = V/mV.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com