Electronic Components Datasheet Search
  English  ▼

X  

ADM7151ACP Datasheet(PDF) 4 Page - Analog Devices

Part # ADM7151ACP
Description  600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151ACP Datasheet(HTML) 4 Page - Analog Devices

  ADM7151ACP Datasheet HTML 1Page - Analog Devices ADM7151ACP Datasheet HTML 2Page - Analog Devices ADM7151ACP Datasheet HTML 3Page - Analog Devices ADM7151ACP Datasheet HTML 4Page - Analog Devices ADM7151ACP Datasheet HTML 5Page - Analog Devices ADM7151ACP Datasheet HTML 6Page - Analog Devices ADM7151ACP Datasheet HTML 7Page - Analog Devices ADM7151ACP Datasheet HTML 8Page - Analog Devices ADM7151ACP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADM7155
Data Sheet
Rev. C | Page 4 of 24
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
VREG THRESHOLDS5
Rising
VREG_UVLORISE
1.94
V
Falling
VREG_UVLOFALL
1.60
V
Hysteresis
VREG_UVLOHYS
185
mV
PRECISION EN INPUT
2.3 V ≤ VIN ≤ 5.5 V
Logic High
ENHIGH
1.13
1.22
1.31
V
Logic Low
ENLOW
1.05
1.13
1.22
V
Logic Hysteresis
ENHYS
90
mV
Leakage Current
IEN-LKG
EN = VIN or GND
0.01
1
μA
1 Based on an endpoint calculation using 1 mA and 600 mA loads.
2 Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 3.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 3.0 V, or 2.7 V.
3 Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. Dropout applies only for output
voltages above 2.3 V.
4 Start-up time is defined as the time between the rising edge of VEN to VOUT, VREG, or VREF being at 90% of the nominal value.
5 The output voltage is disabled until the VREG UVLO rise threshold is crossed. The VREG output is disabled until the input voltage UVLO rising threshold is crossed.
Table 3. Input and Output Capacitors, Recommended Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
MINIMUM CAPACITANCE
Input1
CIN
TA = −40°C to +125°C
7.0
μF
Regulator1
CREG
TA = −40°C to +125°C
7.0
μF
Output1
COUT
TA = −40°C to +125°C
7.0
μF
Bypass
CBYP
TA = −40°C to +125°C
0.1
μF
Reference
CREF
TA = −40°C to +125°C
0.7
μF
CAPACITOR ESR
CREG, COUT, CIN, CREF
RESR
TA = −40°C to +125°C
0.001
0.2
Ω
CBYP
RESR
TA = −40°C to +125°C
0.001
2.0
Ω
1 The minimum input, regulator, and output capacitances must be greater than 7.0 μF over the full range of operating conditions. The full range of operating conditions
in the application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are
recommended; Y5V and Z5U capacitors are not recommended for use with any LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com