Electronic Components Datasheet Search
  English  ▼

X  

ADM7151ACP Datasheet(PDF) 9 Page - Analog Devices

Part # ADM7151ACP
Description  600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151ACP Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM7151ACP Datasheet HTML 5Page - Analog Devices ADM7151ACP Datasheet HTML 6Page - Analog Devices ADM7151ACP Datasheet HTML 7Page - Analog Devices ADM7151ACP Datasheet HTML 8Page - Analog Devices ADM7151ACP Datasheet HTML 9Page - Analog Devices ADM7151ACP Datasheet HTML 10Page - Analog Devices ADM7151ACP Datasheet HTML 11Page - Analog Devices ADM7151ACP Datasheet HTML 12Page - Analog Devices ADM7151ACP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADM7155
Rev. C | Page 9 of 24
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
VIN (V)
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 400mA
ILOAD = 600mA
Figure 17. Output Voltage (VOUT) vs. Input Voltage (VIN) at Various Loads,
VOUT = 1.2 V
JUNCTION TEMPERATURE (°C)
125
85
25
–5
–40
0
10
9
8
7
6
5
4
3
2
1
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 400mA
ILOAD = 600mA
Figure 18. Ground Current vs. Junction Temperature (TJ) at Various Loads,
VOUT = 1.2 V
ILOAD (mA)
1000
100
10
1
0
10
9
8
7
6
5
4
3
2
1
Figure 19. Ground Current vs. Load Current (ILOAD), VOUT = 1.2 V
0
10
9
8
7
6
5
4
3
2
1
VIN (V)
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 400mA
ILOAD = 600mA
Figure 20. Ground Current vs. Input Voltage (VIN) at Different Loads,
VOUT = 1.2 V
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
–140
–120
–100
–80
–60
–40
–20
0
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 400mA
ILOAD = 600mA
Figure 21. Power Supply Rejection Ratio (PSRR) vs. Frequency at Various
Loads, VOUT = 3.3 V, VIN = 4.1 V
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
–140
–120
–100
–80
–60
–40
–20
0
800mV
600mV
500mV
400mV
300mV
250mV
200mV
150mV
Figure 22. Power Supply Rejection Ratio (PSRR) vs. Frequency at Various
Headroom Voltages, VOUT = 3.3 V, 400 mA Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com