Electronic Components Datasheet Search
  English  ▼

X  

EXPI9402PT Datasheet(PDF) 2 Page - Intel Corporation

Part # EXPI9402PT
Description  Intel짰 PRO/1000 PT Dual Port Server Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EXPI9402PT Datasheet(HTML) 2 Page - Intel Corporation

  EXPI9402PT Datasheet HTML 1Page - Intel Corporation EXPI9402PT Datasheet HTML 2Page - Intel Corporation EXPI9402PT Datasheet HTML 3Page - Intel Corporation EXPI9402PT Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications: Intel® PRO/1000 PT Dual Port Server Adapter
General
Product code
EXPI9402PT
4
Connectors
Two RJ-45
IEEE standards/network topology
10BASE-T, 100BASE-TX, 1000BASE-T
Wiring
Category-5, unshielded twisted pair (UTP), 4-pair
Adapter Product Features
Intel
® PROSet Utility and Intel® PRO Intelligent Install for easy installation
•
Intel
® lead-free1 technology
•
Plug and play specification support
Standard
Auto-negotiation, full-duplex capable
•
Integrated media access control (MAC) and physical layer (PHY)
•
Includes a full-height bracket
•
Cable distance
100 m in Category-5 for 100/1000 Mbps; and Category-3 for 10 Mbps
Network Management
Wired for Management (WfM) baseline v2.0 enabled for servers
•
DMI 2.0 support, Windows Management Instrumentation (WMI) and SNMP-manageable
•
SMBus support
Remote Installation Services (RIS)
•
Diagnostics (loopback, testability, PHY register access)
•
Advanced configuration and power interface (ACPI) 1.0 power management
•
Wake on LAN* support over PCI Express*
•
PXE 2.0 enabled through boot read-only memory (ROM)
•
Network Operating Systems (NOS) Software Support
Microsoft Windows* Server 2003, Enterprise, Datacenter (32- and 64-bit)
•
Microsoft Windows 2000
•
Red Hat Linux* 2.4x or later (32- and 64-bit)
•
FreeBSD 4.x or later
•
Novell Netware* 5.x, 6.x
•
Sun Solaris* x86, OS 8 and later
•
SCO Open Server 5, OpenUNIX 8*
•
Intel Backing
Limited lifetime warranty
•
90-day, money-back guarantee (U.S. and Canada)
•
Advanced Software Features
Adapter fault tolerance (AFT)
•
Switch fault tolerance (SFT)
•
Adaptive load balancing (ALB)
•
Fast EtherChannel*
5 (FEC)
•
Gigabit EtherChannel*
5 (GEC)
•
Teaming support
Scales up to 8 connections
Multiple teams
Supports 4 separate teams, maximum
IEEE 802.3ad* (link aggregation control protocol)
5
•
Test switch configuration
Tested with major switch original equipment manufacturers (OEMs)
PCIe Hot Plug*/Active peripheral component interconnect (PCI)
•
IEEE 802.1Q* VLANs
•
IEEE 802.3* (z, ab, u, x) flow control support
•
TCP checksum offload — transmission control protocol (TCP), user datagram protocol (UDP),
•
Internet protocol (IP)
IEEE 802.1p*
•
TCP segmentation/large send offload
•
Interrupt moderation
•



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com