Electronic Components Datasheet Search
  English  ▼

X  

EXPI9402PT Datasheet(PDF) 3 Page - Intel Corporation

Part # EXPI9402PT
Description  Intel짰 PRO/1000 PT Dual Port Server Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EXPI9402PT Datasheet(HTML) 3 Page - Intel Corporation

  EXPI9402PT Datasheet HTML 1Page - Intel Corporation EXPI9402PT Datasheet HTML 2Page - Intel Corporation EXPI9402PT Datasheet HTML 3Page - Intel Corporation EXPI9402PT Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Features
Data rate(s) supported per port
10, 100, and 1000 Mbps
Bus type
PCI Express 1.0a
Bus width
x4 lane PCI Express, operable in x4, x8, x16 slots
Bus speed (x4, encoded rate)
10 Gbps uni-directional; 20 Gbps bi-directional
EEPROM-SPI and single EEPROM support
•
Interrupt levels
INTA, INTB
IEEE support
802.3ab*
Hardware certifications
FCC B, UL, CE, VCCI, BSMI, CTICK, MIC
Controller-processor
Intel
® 82571GB
Typical power consumption
4.95 W ( 3.3 V @ 1.5 A)
Operating temperature
0 –55° C
LEDs
4 (1/port, link and speed) solid and blinking
Physical Dimensions
Length
12.95 cm (5.1 in)
Width
2.16 cm (0.85 in)
Height of end bracket
12.0 cm (4.725 in)
Order Code
Single Unit: EXPI9402PT4
Companion Products
Consider these Intel® products in your server and network planning:
•
Intel® PRO/1000 Server Adapters
– Copper or fiber-optic network connectivity,
up to four ports per card
– Solutions for PCI Express, PCI-X*, and PCI interfaces
•
Intel® PRO/10GbE Server Adapters
– CX4 offering for cost-effective 10 Gigabit-over-
copper connections
– Short-range and long-range connectivity solutions
for fiber-optic cabling
•
Intel® PRO/1000 Desktop Adapters for PCI Express
and PCI interfaces
•
Other Intel® PRO Desktop and Server Adapters
•
Intel® XeonTM processors
•
Intel® Server Boards
Network-Ready PCs
Top PC and server manufacturers offer Intel® adapters
in their new products. Specify or ask for Intel PRO Network
Connections with your next PC, server, or mobile PC
purchase. For a list of preferred suppliers, visit us at:
www.intel.com/network/connectivity/how_to_buy/index.htm.
Customer Support
Intel® Customer Support Services offers a broad
selection of programs including phone support and
warranty service. For more information, contact us at
http://support.intel.com/support/network. Service
and availability may vary by country.
For Product Information
To speak to a customer service representative regarding
Intel products, please call 1-800-538-3373 (U.S. and
Canada) or visit www.intel.com/support/9089.htm for
the telephone number in your area. For additional product
information on Intel® Networking Connectivity products,
visit www.intel.com/network/connectivity.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com