Electronic Components Datasheet Search
  English  ▼

X  

VM1010 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VM1010
Description  Low-Noise Bottom Port Piezoelectric MEMS Microphone With Wake on Sound Feature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VM1010 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VM1010 Datasheet HTML 1Page - List of Unclassifed Manufacturers VM1010 Datasheet HTML 2Page - List of Unclassifed Manufacturers VM1010 Datasheet HTML 3Page - List of Unclassifed Manufacturers VM1010 Datasheet HTML 4Page - List of Unclassifed Manufacturers VM1010 Datasheet HTML 5Page - List of Unclassifed Manufacturers VM1010 Datasheet HTML 6Page - List of Unclassifed Manufacturers VM1010 Datasheet HTML 7Page - List of Unclassifed Manufacturers VM1010 Datasheet HTML 8Page - List of Unclassifed Manufacturers VM1010 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Vesper Technologies Inc - Preliminary Version
Roll Off
Frequency
-3db at 1KHz
100
Hz
Directivity
Omni
Wake on Sound Acoustic Specifications
Specifications valid on material Date Code 1811 (lid marking A811..) and higher.
Max
Acoustic
Threshold
(default)
PaTH
Rg= Open
89
SPL
Mid
Threshold
PaTH
Rg= 90kOhm
77
SPL
Min Acoustic
Threshold
PaTH
Rg= 18kOhm
65
SPL
Note: Rg is the resistance configured by user between GA1 and GA2 pins. A 1%
tolerance resistor is recommended.
Previous material 1810 and lower have a different range and resistor values and
are now obsolete.
Normal Mode Electrical Specifications
Supply
Voltage
VDD
1.6
1.8
3.6
V
Supply
Current
VDD ≤ 1.8 V, Mode
Normal
83
100
μA
Power
Supply
Rejection
Ratio
PSRR
VDD = 1.8, 1kHz,
200mVPP Sine
wave
56
dB
Power
Supply
Rejection
PSR
VDD = 1.8, 217Hz,
100mVPP square
wave, 20 Hz –
20kHz, A-
weighted
-87
dB(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com