Electronic Components Datasheet Search
  English  ▼

X  

VM1010 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VM1010
Description  Low-Noise Bottom Port Piezoelectric MEMS Microphone With Wake on Sound Feature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VM1010 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VM1010 Datasheet HTML 1Page - List of Unclassifed Manufacturers VM1010 Datasheet HTML 2Page - List of Unclassifed Manufacturers VM1010 Datasheet HTML 3Page - List of Unclassifed Manufacturers VM1010 Datasheet HTML 4Page - List of Unclassifed Manufacturers VM1010 Datasheet HTML 5Page - List of Unclassifed Manufacturers VM1010 Datasheet HTML 6Page - List of Unclassifed Manufacturers VM1010 Datasheet HTML 7Page - List of Unclassifed Manufacturers VM1010 Datasheet HTML 8Page - List of Unclassifed Manufacturers VM1010 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Vesper Technologies Inc - Preliminary Version
Output
Impedance
ZOUT
1
kΩ
Output DC
Offset
0.75
V
Wake on Sound Mode Electrical Specifications
Supply Voltage
VDD
1.6
1.8
3.6
V
Supply Current
VDD ≤ 1.8 V, Mode
WoS
7
10
14
μA
Digital Electrical Interface Specifications
Logic Input High
0.65*VDD
3.6
V
Logic Input Low
-0.3
0.35*VDD
V
Logic Output
High
ILoad = 2mA
0.7*VDD
VDD
V
Logic Output
Low
ILoad = 2mA
0
0.3*VDD
V
Driving
Capability
100
pF
Absolute Maximum Ratings
Parameter
Maximum
Units
Supply Voltage
3.6
V
Sound Pressure Level
160
dB re 20 μPa
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-50 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com