Electronic Components Datasheet Search
  English  ▼

X  

USB2-F-7101 Datasheet(PDF) 18 Page - Connective Peripherals Pte Ltd

Part # USB2-F-7101
Description  USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CP [Connective Peripherals Pte Ltd]
Direct Link  https://connectiveperipherals.com/
Logo CP - Connective Peripherals Pte Ltd

USB2-F-7101 Datasheet(HTML) 18 Page - Connective Peripherals Pte Ltd

Back Button USB2-F-7101 Datasheet HTML 14Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 15Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 16Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 17Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 18Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 19Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 20Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 21Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 22Page - Connective Peripherals Pte Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter Datasheet
Version 1.4
Document Reference No.: CP_000050 Clearance No.: CP#040
Copyright © Connective Peripherals Pte Ltd
18
NOTE: A minimum of three nodes are required on the CANbus network for Listen mode to function. To
monitor CAN traffic with only two devices, use the Open (O) command.
Definition
L<CR>
Parameters
None
Remarks
Example:
L<CR>
Open CAN channel in Listen Only mode
Received data is automatically sent from the CAN network to the controlling application.
The RUN (green) LED will flicker when this mode is active.
Return Codes
<CR> = OK
<BELL> = ERROR
4.1.8 Close CAN Channel (C)
Summary
Closes the CAN channel. This command provides backward compatibility with some existing CANbus
adapters.
Definition
C<CR>
Parameters
None
Remarks
Example:
C<CR>
Close CAN channel.
Return Codes
<CR> = OK
<BELL> = ERROR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com