Electronic Components Datasheet Search
  English  ▼

X  

USB2-F-7101 Datasheet(PDF) 20 Page - Connective Peripherals Pte Ltd

Part # USB2-F-7101
Description  USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CP [Connective Peripherals Pte Ltd]
Direct Link  https://connectiveperipherals.com/
Logo CP - Connective Peripherals Pte Ltd

USB2-F-7101 Datasheet(HTML) 20 Page - Connective Peripherals Pte Ltd

Back Button USB2-F-7101 Datasheet HTML 16Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 17Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 18Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 19Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 20Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 21Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 22Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 23Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 24Page - Connective Peripherals Pte Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter Datasheet
Version 1.4
Document Reference No.: CP_000050 Clearance No.: CP#040
Copyright © Connective Peripherals Pte Ltd
20
Length = 0 bytes
Data = zero bytes (no data)
Return Codes
z<CR> = OK
<BELL> = ERROR
4.1.11
Transmit Extended CAN Frame – 29-bit ID (T)
Summary
Transmits an extended CAN frame with a 29-bit ID. The CAN channel must be Open (O) prior to
transmitting any messages.
Definition
Tiiiiiiiildd..dd<CR>
Parameters
iiiiiiii = 8-digit identifier in hex (00000000 through 1FFFFFFF)
l = Length (number of bytes) of data message
dd = Data bytes in hex (00 through FF).
The number of bytes must match message length
Remarks
Example:
T1234567880123456789ABCDEF
Transmit a 29-bit ID frame with
ID = 0x12345678
Length = 8 bytes
Data = 0x01, 0x23, 0x45, 0x67, 0x89, 0xAB, 0xCD, 0xEF
Example:
T123456780
Transmit an 11-bit ID frame with
ID = 0x12345678
Length = 0 bytesData = zero bytes (no data)
Return Codes
Z<CR> = OK
<BELL> = ERROR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com