Electronic Components Datasheet Search
  English  ▼

X  

AX58400 Datasheet(PDF) 2 Page - ASIX Electronics Corporation

Part # AX58400
Description  EtherCAT Slave Controller with Dual-Core MCU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58400 Datasheet(HTML) 2 Page - ASIX Electronics Corporation

  AX58400 Datasheet HTML 1Page - ASIX Electronics Corporation AX58400 Datasheet HTML 2Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Timers and Watchdog
• 1x high-resolution timer (2.1 ns max resolution)
• 2x 32-bit timers with up to 4 IC/OC/PWM or pulse counter
and quadrature (incremental) encoder input (up to 240
MHz)
• 2x 16-bit advanced motor control timers (up to 240 MHz)
• 10x 16-bit general-purpose timers (up to 240 MHz)
• 5x 16-bit low-power timers (up to 240 MHz)
• 2x independent watchdogs, 2x window watchdogs
• 2x SysTick timers
• RTC with sub-second accuracy and hardware calendar
Clock Management
• Internal oscillators: 64 MHz HSI, 48 MHz HSI48, 4 MHz CSI,
32 KHz LSI
• External oscillators: 4MHz~48 MHz HSE, 32.768 KHz LSE
• 3× PLLs with Fractional mode
Low-power Consumption
• VBAT battery operating mode with charging capability
• CPU and domain power state monitoring pins
• 2.95 μA in Standby mode (Backup SRAM OFF, RTC/LSE ON)
• High power-efficiency SMPS step-down converter regulator
to directly supply VCORE and/or external circuitry
• Low-power modes: Sleep, Stop, Standby and VBAT
supporting battery charging
Security and Cryptographic Accelerator
• Return-Oriented Programming (ROP), Proprietary Code
Read-Out Protection (PC-ROP), active anti-tamper
• AES-128/192/256, Triple-DES, HASH (MD5/SHA-1/SHA-2),
HMAC hardware cryptographic accelerators
• True Random Number Generator (RNG)
96-bit Unique Identifier (UID)
AX58400
Product Brief
ASIX Electronics Corporation
4F, No. 8, Hsin Ann Road, Hsinchu Science Park, Hsinchu, 30078, Taiwan
TEL: +886-3-5799500 FAX: +886-3-5799558
Email: sales@asix.com.tw
https://www.asix.com.tw/
EtherCAT® is a registered trademark and patented technology, licensed by Beckhoff Automation GmbH, Germany.
STM32, ART Accelerator™, Chrom-ART graphical hardware Accelerator™ are registered trademarks and patented
technologies, licensed by STMicroelectronics International N.V. Copyright © 2019 STMicroelectronics – All rights
reserved for STM32H755 microcontroller.
Arm® and Cortex® are registered trademarks and patented technologies, licensed by Arm Limited (or its subsidiaries).
Target Applications
Motor/Motion Control
Digital I/O Control
Robotics
Sensors Data Acquisition
EtherCAT to IO-Link Master Gateway
EtherCAT Junction Slave Module
Communication Module
Operator HMI Interfaces
EtherCAT Slave Controller (ESC) Sub-system
2 integrated Fast Ethernet PHYs
3rd Fast Ethernet MII Port for flexible EtherCAT network
configuration
9KB DPRAM, 8 FMMUs and 8 Sync Managers
64-bit Distributed Clock
225LD EHS-TFBGA 13x13 mm, 0.8-mm pitch, RoHS
Compliant Package
Operating Temperature Range: -40 to +85°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com