Electronic Components Datasheet Search
  English  ▼

X  

BC832 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # BC832
Description  Bluetooth Low Energy (BLE) 5 Micro Module BC832
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BC832 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button BC832 Datasheet HTML 5Page - List of Unclassifed Manufacturers BC832 Datasheet HTML 6Page - List of Unclassifed Manufacturers BC832 Datasheet HTML 7Page - List of Unclassifed Manufacturers BC832 Datasheet HTML 8Page - List of Unclassifed Manufacturers BC832 Datasheet HTML 9Page - List of Unclassifed Manufacturers BC832 Datasheet HTML 10Page - List of Unclassifed Manufacturers BC832 Datasheet HTML 11Page - List of Unclassifed Manufacturers BC832 Datasheet HTML 12Page - List of Unclassifed Manufacturers BC832 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Bluetooth Low Energy (BLE) 5 Micro Module BC832 Ver 2.0  June 2017
Pin Functions
BC832
nRF52832 CIAA
pin# pin name
pin#
pin name
Descriptions
1 GND
C5
VSS
Ground
2 P20
G2
P0.20
GPIO, LED pin on EV-BC832
3 SWDIO
G1
SWDIO
GPIO, connection for 32.768kHz crystal
4 SWDCLK
F1
SWDCLK
Serial Wire Debug I/O
5 P18
H2
P0.18
GPIO, LED pin on EV-BC832
6 P13
G4
P0.13
GPIO, button pin on EV-BC832
7 P11
H6
P0.11
UART RX
8 P12
F4
P0.12
UART TX
9 P03/AIN1
D6
P0.03
GPIO, Analog input 1
10 P21/RESET
H1
P0.21
configured as reset on EV-BC832
11 P00/XL1
D7
P0.00
GPIO, connection for 32.768kHz crystal
12 P01/XL2
C7
P0.01
GPIO, connection for 32.768kHz crystal
13 P02/AIN0
C6
P0.02
GPIO, Analog input 0
14 P27/SCL
B4
P0.27
GPIO, configured as I2C SCL on EV-BC832
15 P26/SDA
D3
P0.26
GPIO, configured as I2C SDA on EV-BC832
16 VDD
A7
VDD
DC power supply, 1.7V to 3.6V
A1
P28
A3
P0.28
GPIO
A2
P17
G3
P0.17
GPIO
A3
P04
E6
P0.04
GPIO
A4
P06
F7
P0.06
GPIO
A5
P08
G7
P0.08
GPIO
B1
P25
B3
P0.25
GPIO
B2
P29
A4
P0.29
GPIO
B3
P31/DCC
B5
P0.31
P31 in BC832 V0; DCC for inductor connection in BC832 V1
B4
P05
E7
P0.05
GPIO
B5
P07
F6
P0.07
GPIO
C1
P24
E1
P0.24
GPIO
C2
P22
F2
P0.22
GPIO
C3
P30/DEC4
A5
P0.30
P30 in BC832 V0; DEC4 for inductor connection in BC832 V1
C4
P15
H4
P0.15
GPIO
C5
P09
G6
P0.10/NFC1
GPIO, NFC antenna connection
D1
P23
E2
P0.23
GPIO
D2
P19
F3
P0.19
GPIO
D3
P16
H3
P0.16
GPIO
D4
P14
H5
P0.14
GPIO
D5
P10
G5
P0.10/NFC2
GPIO, NFC antenna connection
!9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com