Electronic Components Datasheet Search
  English  ▼

X  

BC832 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # BC832
Description  Bluetooth Low Energy (BLE) 5 Micro Module BC832
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BC832 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button BC832 Datasheet HTML 9Page - List of Unclassifed Manufacturers BC832 Datasheet HTML 10Page - List of Unclassifed Manufacturers BC832 Datasheet HTML 11Page - List of Unclassifed Manufacturers BC832 Datasheet HTML 12Page - List of Unclassifed Manufacturers BC832 Datasheet HTML 13Page - List of Unclassifed Manufacturers BC832 Datasheet HTML 14Page - List of Unclassifed Manufacturers BC832 Datasheet HTML 15Page - List of Unclassifed Manufacturers BC832 Datasheet HTML 16Page - List of Unclassifed Manufacturers BC832 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Bluetooth Low Energy (BLE) 5 Micro Module BC832 Ver 2.0  June 2017
Data Mode
When P0.03 of nRF52832 (pin 9 of BC832) is pulled low, it is set to data mode. In data model, BC832 provides
transparent data transfer between the host processor and a remote device, for example, a smartphone.
Communicating with a PC
A quick and easy way to evaluate BC832 is to use a PC as the host processor. Connect the development
board EV-BC832 to a PC with an USB cable. Then,
•
Set S1, BC832 is set to command mode. PC will communicate with BC832.
•
Set switch S1 to the other position, BC832 is set to data mode. PC will communicate with a remote
device through BC832 Bluetooth wireless connection.
Docklight is a testing, analysis and simulation tool for serial communication protocols (RS232, RS485/422 and
others). It allows you to monitor the communication between two serial devices or to test the serial
communication of a single device. Docklight significantly increases productivity in a broad range of industries,
including automation and control, communications, automotive, equipment manufacturers, and embedded /
consumer products. Docklight is easy to use and runs on almost any standard PC using Windows 10, Windows
8, Windows 7, Windows Vista or Windows XP operating system.
Docklight software can be downloaded from the following:
http://www.docklight.de/download_en.htm.
AT_RFPW=<parm>
OK or FAIL
+4~-8
OK/r/n
0:+4
1:+0
2:-4
3:-8
AT
+PIO=<param><param1>
OK or FAIL
P00-P05
AT+PIO=05, 0\r\n
1=High ,
0=low
OK/r/n
AT+PIS=<param><param1> OK or FAIL
P00-P05
AT+PIS=05, 1\r\n
1=output,
0=input
OK/r/n
!13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com