Electronic Components Datasheet Search
  English  ▼

X  

TMUX7208 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7208
Description  TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7208 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMUX7208 Datasheet HTML 28Page - Texas Instruments TMUX7208 Datasheet HTML 29Page - Texas Instruments TMUX7208 Datasheet HTML 30Page - Texas Instruments TMUX7208 Datasheet HTML 31Page - Texas Instruments TMUX7208 Datasheet HTML 32Page - Texas Instruments TMUX7208 Datasheet HTML 33Page - Texas Instruments TMUX7208 Datasheet HTML 34Page - Texas Instruments TMUX7208 Datasheet HTML 35Page - Texas Instruments TMUX7208 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
9 Detailed Description
9.1 Overview
The TMUX7208 is an 8:1, 1-channel multiplexer and the TMUX7209 is a 4:1, 2 channel multiplexer. Each
channel is turned on or turned off based on the state of the address lines and enable pin.
9.2 Functional Block Diagram
SW
SW
S1
S2
D
VDD
VSS
TMUX7208
SW
S8
Logic Decoder
A0
A1
A2
EN
SW
SW
S1A
DA
TMUX7209
Logic Decoder
A0
A1
S4A
SW
SW
S1B
DB
S4B
VDD
VSS
EN
9.3 Feature Description
9.3.1 Bidirectional Operation
The TMUX7208 and TMUX7209 conduct equally well from source (Sx) to drain (D) or from drain (D) to source
(Sx). Each channel has similar characteristics in both directions and supports both analog and digital signals.
9.3.2 Rail-to-Rail Operation
The valid signal path input or output voltage for TMUX7208 and TMUX7209 ranges from VSS to VDD.
9.3.3 1.8 V Logic Compatible Inputs
TMUX7208 and TMUX7209 have 1.8-V logic compatible control for all logic control inputs. 1.8-V logic level
inputs allows the to interface with processors that have lower logic I/O rails and eliminates the need for an
external translator, which saves both space and BOM cost. For more information on 1.8 V logic implementations
refer to Simplifying Design with 1.8 V logic Muxes and Switches.
9.3.4 Integrated Pull-Down Resistor on Logic Pins
The TMUX720x has internal weak pull-down resistors to GND to ensure the logic pins are not left floating. The
value of this pull-down resistor is approximatly 4 MΩ, but is clamped to about 1uA at higher voltages. This
feature integrates up to four external components and reduces system size and cost.
9.3.5 Fail-Safe Logic
TMUX7208 and TMUX7209 support Fail-Safe Logic on the control input pins (EN and Ax) allowing it to operate
up to 44 V, regardless of the state of the supply pins. This feature allows voltages on the control pins to be
applied before the supply pin, protecting the device from potential damage. Fail-Safe Logic minimizes system
complexity by removing the need for power supply sequencing on the logic control pins. For example, the
Fail-Safe Logic feature allows the TMUX7208 and TMUX7209 logic input pins to ramp up to +44 V while VDD
and VSS = 0 V. The logic control inputs are protected against positive faults of up to +44 V in powered-off
condition, but do not offer protection against negative overvoltage conditions.
TMUX7208, TMUX7209
SCDS418D – JULY 2020 – REVISED SEPTEMBER 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7208 TMUX7209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com