Electronic Components Datasheet Search
  English  ▼

X  

TMUX7413F Datasheet(PDF) 18 Page - Texas Instruments

Part # TMUX7413F
Description  TMUX741xF 짹60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7413F Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMUX7413F Datasheet HTML 14Page - Texas Instruments TMUX7413F Datasheet HTML 15Page - Texas Instruments TMUX7413F Datasheet HTML 16Page - Texas Instruments TMUX7413F Datasheet HTML 17Page - Texas Instruments TMUX7413F Datasheet HTML 18Page - Texas Instruments TMUX7413F Datasheet HTML 19Page - Texas Instruments TMUX7413F Datasheet HTML 20Page - Texas Instruments TMUX7413F Datasheet HTML 21Page - Texas Instruments TMUX7413F Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
7.10 Typical Characteristics (continued)
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
±15 V Dual Supply
Figure 7-19. ID(FA) Overvoltage Leakage Current vs Temperature
±20 V Dual Supply
Figure 7-20. ID(FA) Overvoltage Leakage Current vs Temperature
VDD = 12 V Single Supply
Figure 7-21. ID(FA) Overvoltage Leakage Current vs Temperature
VDD = 36 V Single Supply
Figure 7-22. ID(FA) Overvoltage Leakage Current vs Temperature
±15 V Dual Supply
Figure 7-23. IS(FA) Overvoltage Leakage Current vs Temperature
.
Figure 7-24. THD+N vs Frequency
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404A – MARCH 2021 – REVISED NOVEMBER 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com