Electronic Components Datasheet Search
  English  ▼

X  

TMUX7413F Datasheet(PDF) 25 Page - Texas Instruments

Part # TMUX7413F
Description  TMUX741xF 짹60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7413F Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMUX7413F Datasheet HTML 21Page - Texas Instruments TMUX7413F Datasheet HTML 22Page - Texas Instruments TMUX7413F Datasheet HTML 23Page - Texas Instruments TMUX7413F Datasheet HTML 24Page - Texas Instruments TMUX7413F Datasheet HTML 25Page - Texas Instruments TMUX7413F Datasheet HTML 26Page - Texas Instruments TMUX7413F Datasheet HTML 27Page - Texas Instruments TMUX7413F Datasheet HTML 28Page - Texas Instruments TMUX7413F Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
8.6 Fault Response Time
Fault response time (tRESPONSE) measures the delay between the source voltage exceeding the supply voltage
(VDD or VSS) by 0.5 V and the drain voltage failing to 90% of the fault supply voltage exceeded. Figure 8-7 shows
the setup used to measure tRESPONSE.
VS
0 V
tRESPONSE (VDD)
Output
VDD + 0.5 V
0 V
Output × 90%
VDD
VS
0 V
tRESPONSE (VSS)
Output
VSS - 0.5 V
0 V
Output × 90%
VSS
tRESPONSE = max ( tRESPONSE(VDD), tRESPONSE(VSS))
RL
VS
CL
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
Sx
Dx
All other source &
drain pins
SW
Output
60V/µs
ramp
Max positive fault
60V/µs
ramp
Max negative fault
Figure 8-7. Fault Response Time Measurement Setup
8.7 Fault Recovery Time
Fault recovery time (tRECOVERY) measures the delay between the source voltage falling from overvoltage
condition to below supply voltage (VDD or VSS) plus 0.5 V and the drain voltage rising from 0 V to 50% of
the fault supply voltage exceeded. Figure 8-8 shows the setup used to measure tRECOVERY.
VS
tRECOVERY (VDD)
Output
VDD + 0.5 V
0 V
VDD × 0.5
Output
0 V
tRECOVERY = max ( tRECOVERY(VDD), tRECOVERY(VSS))
0 V
VSS - 0.5 V
0 V
VSS × 0.5
tRECOVERY (VSS)
VS
GND
RL
VS
GND
CL
GND
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
Sx
GND
GND
Dx
All other
source &
drain pins
SW
Output
VDD - 2 V
VSS + 2 V
Figure 8-8. Fault Recovery Time Measurement Setup
www.ti.com
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404A – MARCH 2021 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com