Electronic Components Datasheet Search
  English  ▼

X  

CGS700TV Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CGS700TV
Description  Commercial Low Skew PLL 1 to 9 CMOS Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS700TV Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CGS700TV Datasheet HTML 1Page - National Semiconductor (TI) CGS700TV Datasheet HTML 2Page - National Semiconductor (TI) CGS700TV Datasheet HTML 3Page - National Semiconductor (TI) CGS700TV Datasheet HTML 4Page - National Semiconductor (TI) CGS700TV Datasheet HTML 5Page - National Semiconductor (TI) CGS700TV Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CGS700 (Continued)
AC Electrical Characteristics
Over recommended operating free air temperature range All typical values are measured at VCC e 5V TA e 25 C
Symbol
Parameter
VCC e 45V–55V
Units
Notes
FIN e 25 MHz–40 MHz
TA e 0 C–70 C
CL e Circuit 1 and 2
RL e Circuit 1 and 2
Min
Typ
Max
trise
Output Rise
CLK4
08V – 26V
20
ns
(Notes 1 5)
CLK2
10V – VCC b 10V
CLK1
10V – VCC b 10V
ALL
08V – 20V
15
tfall
Output Fall
CLK4
26V – 08V
20
ns
(Notes 1 5)
CLK2
VCC b 10V–10V
CLK1
VCC b 10V–10V
ALL
20V – 08V
15
tskew
Maximum Edge-
a
to a Edges
CLK1
CLK1
400
to-Edge Output
a
to a Edges
CLK1
CLK4
1000
ps
(Notes 2 5)
Skew
a
to a Edges
CLK2
CLK4
1000
tlock
Time to Lock the Output to the Synch Input
100
m
s
tcycle
Output Duty Cycle
CLK1 Outputs
49
51
%
(Notes 3 5)
CLK2 Output
49
51
CLK4 Output
35
65
JLT
Output Jitter (Long Term)
03
ns
(Notes 4 5)
FMIN
Minimum XTALIN Frequency
15
MHz
FMAX
Maximum XTALIN Frequency
43
MHz
Circuit 1 Test Circuit for CLK1 and CLK2
TLF11955 – 4
Circuit 2 Test Circuit for CLK4
TLF11955 – 9
http
www nationalcom
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com