Electronic Components Datasheet Search
  English  ▼

X  

CGS700TV Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CGS700TV
Description  Commercial Low Skew PLL 1 to 9 CMOS Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS700TV Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CGS700TV Datasheet HTML 1Page - National Semiconductor (TI) CGS700TV Datasheet HTML 2Page - National Semiconductor (TI) CGS700TV Datasheet HTML 3Page - National Semiconductor (TI) CGS700TV Datasheet HTML 4Page - National Semiconductor (TI) CGS700TV Datasheet HTML 5Page - National Semiconductor (TI) CGS700TV Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CGS700 (Continued)
Note 1
trise and tfall parameters are measured at the pin of the device
Note 2
Skew is measured at 50% of VCC for CLK1 and CLK2 while it is measured
14V for CLK4 Limits are guaranteed by design
Note 3
Output duty cycle is measured at VDD 2 for CLK1 and CLK2 while it is measured
14V for CLK4 Limits are guaranteed by design
Note 4
Jitter parameter is characterized and is guaranteed by design only It measures the uncertainty of either the positive or the negative edge over 1000
cycles It is also measured at output levels of VCC 2 Refer to Figure 2 for further explanation
Note 5
The GNDA pins of the 700 must be as free of noise as possible for minimum jitter Separate analog ground plane is recommended for the PCB
Also the VCCA pin requires extra filtering to further reduce noise Ferrite beads for filtering and bypass capacitors are suggested for VCCA pin
TLF11955 – 5
TLF11955 – 6
TLF11955 – 7
FIGURE 1 Waveforms
TLF11955 – 8
Jitter e
lPeriod(1) b Period(na1)l e 300 ps for either the rising or falling edge where n is 1 to 1000 cycles
FIGURE 2 Jitter
Application References and Bibliography
Information relating to EMI as well as general application issues are in the following application notes
AN-988EMI App Note
AN-640
AN-991
http
www nationalcom
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com