Electronic Components Datasheet Search
  English  ▼

X  

TH8S Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # TH8S
Description  6600WTransient Voltage Suppressor (TVS)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

TH8S Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  TH8S Datasheet HTML 1Page - Socay Electornics Co., Ltd. TH8S Datasheet HTML 2Page - Socay Electornics Co., Ltd. TH8S Datasheet HTML 3Page - Socay Electornics Co., Ltd. TH8S Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6600W Transient Voltage Suppressor (TVS)
Revision November 8, 2019
1 /4
@ SOCAY Electronics Corp., Ltd. 2019.
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
TH8S Series
15 To 43V
6600W
SOCAY Electronics Corp., Ltd.
www.socay.com
The TH8S series of high current uni/bi-directional transient
suppressors are designed for A.C. line protection and high power
DC
bus
clamping
applications.These
devices
offer
uni/bi-directional port protection from 15 volts to 43 volts.
They providea clamping voltage lower than the avalanche
voltage. Therefore, any voltage rise due to increased current
conduction is contained toa minimum, providing the best possible
protection level. They can also be connected in series and/or
parallel to create very high capacity protection solutions.
u
Low zener impedance.
u
Excellent clamping capability.
u
JEDEC R-6/P-600 Molded Plastic.
u
Repetition rate (duty cycle): 0.01%.
u
Color band denoted cathode except bidirectional.
u
High temperature soldering: 260℃/10s at terminals.
u
Glass passivated chip junction in R-6/P600 package.
u
6600W Peak Pulse power capability at 10
×1000μs waveform.
u
Fast response time: typically less than 1.0ps from 0V toVBR
min.
u
AEC-Q101 qualified.
Parameter
Symbol
Value
Unit
Peak pulse power dissipation on 10/1000
µs waveform
PPP
6600
W
Peak pulse current of on 10/1000
µs waveform
IPP
See Next Table
A
Steady state power dissipation atTL=75℃
PM(AV)
8
W
Operating junction and storage temperature range
TJ ,TSTG
-55 to +150
℃
Peak forward surge current, 8.3 ms single half sine-wave
IFSM
500
A
Absolute Maximum Ratings (TA=25℃,RH=45%-75%, unless otherwise noted)
Description
Features
Functional Diagram
Bi-directional
Uni-direction
Cathode
Anode


Similar Part No. - TH8S

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
TH8055 MICRO-ELECTRONICS-TH8055 Datasheet
266Kb / 15P
Single Wire CAN Transceiver
logo
Melexis Microelectronic...
TH8055 MELEXIS-TH8055 Datasheet
819Kb / 20P
Single Wire CAN Transceiver
TH8055JDC MELEXIS-TH8055JDC Datasheet
819Kb / 20P
Single Wire CAN Transceiver
TH8056 MELEXIS-TH8056 Datasheet
713Kb / 26P
Enhanced Single Wire CAN Transceiver
TH8056 MELEXIS-TH8056 Datasheet
787Kb / 34P
Enhanced Single Wire CAN Transceiver
More results

Similar Description - TH8S

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
5KP5.0 TGS-5KP5.0 Datasheet
270Kb / 4P
TVS Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
5KP5.0 LUGUANG-5KP5.0 Datasheet
237Kb / 4P
TVS Transient Voltage Suppressor
logo
Digitron Semiconductors
P4KE6.8 DIGITRON-P4KE6.8 Datasheet
422Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR (TVS)
logo
Tiger Electronic Co.,Lt...
5KP TGS-5KP Datasheet
265Kb / 4P
TVS Transient Voltage Suppressor
logo
Infineon Technologies A...
ESD230-B1-W0201 INFINEON-ESD230-B1-W0201 Datasheet
976Kb / 15P
TVS (Transient Voltage Suppressor)
Revision 1.0, 2016-04-22
ESD128-B1-W0201 INFINEON-ESD128-B1-W0201 Datasheet
799Kb / 16P
TVS (Transient Voltage Suppressor)
Revision 1.3, 2016-04-06
ESD119-B1-W01005 INFINEON-ESD119-B1-W01005 Datasheet
728Kb / 15P
TVS (Transient Voltage Suppressor)
Revision 1.2, 2016-04-07
ESD102-U1-02ELS INFINEON-ESD102-U1-02ELS Datasheet
782Kb / 16P
TVS (Transient Voltage Suppressor)
Revision 1.2, 2015-12-14
ESD101-B1-02ELS INFINEON-ESD101-B1-02ELS Datasheet
656Kb / 15P
TVS (Transient Voltage Suppressor)
Revision 1.3, 2015-07-13
logo
Socay Electornics Co., ...
SM6S SOCAY-SM6S Datasheet
996Kb / 5P
4600WTransient Voltage Suppressor (TVS)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com