Electronic Components Datasheet Search
  English  ▼

X  

TH8S Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # TH8S
Description  6600WTransient Voltage Suppressor (TVS)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

TH8S Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  TH8S Datasheet HTML 1Page - Socay Electornics Co., Ltd. TH8S Datasheet HTML 2Page - Socay Electornics Co., Ltd. TH8S Datasheet HTML 3Page - Socay Electornics Co., Ltd. TH8S Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6600W Transient Voltage Suppressor (TVS)
Revision November 8, 2019
3 /4
@ SOCAY Electronics Corp., Ltd. 2019.
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
TH8S Series
15 To 43V
6600W
SOCAY Electronics Corp., Ltd.
www.socay.com
Fig.5: Reflow Condition
Reflow Condition
Pb
–Free assembly
(see Fig.5)
Pre Heat
-Temperature Min (Ts(min))
+150℃
-Temperature Max (Ts(max))
+200℃
- Time (Min to Max) (Ts)
60 -180 secs.
Average ramp up rate (Liquid
μs Temp
(TL) to peak)
3℃/sec. Max
TS(max) toTL - Ramp-up Rate
3℃/sec. Max
Reflow
- Temperature (TL) (Liquid
μs)
+217℃
- Time (tL)
60 -150 secs.
Peak Temperature (TP)
260(+0/-5)℃
Time
within
5℃
of
actual
peak
Temperature (tp)
30 secs. Max
Ramp-down Rate
6℃/sec. Max
Time 25℃ to Peak Temperature (TP)
8 min. Max
Do not exceed
+260℃
R6/P600
Ref.
Dimensions
Inches
Millimeters
Min.
Max.
Min.
Max.
A
1.000
—
25.40
—
B
0.339
0.370
8.60
9.40
C
0.048
0.052
1.20
1.40
D
0.340
0.360
8.60
9.10
Package Mechanical Data
Soldering Parameters
Fig.3 : Pulse Waveform
Fig.4 : Pulse Derating Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com