Electronic Components Datasheet Search
  English  ▼

X  

TPS22998 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22998
Description  TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22998 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS22998 Datasheet HTML 13Page - Texas Instruments TPS22998 Datasheet HTML 14Page - Texas Instruments TPS22998 Datasheet HTML 15Page - Texas Instruments TPS22998 Datasheet HTML 16Page - Texas Instruments TPS22998 Datasheet HTML 17Page - Texas Instruments TPS22998 Datasheet HTML 18Page - Texas Instruments TPS22998 Datasheet HTML 19Page - Texas Instruments TPS22998 Datasheet HTML 20Page - Texas Instruments TPS22998 Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(1.075)
4X (0.825)
(R0.05) TYP
(1.825)
0.05 MIN
ALL AROUND
0.05 MAX
ALL AROUND
6X (0.575)
10X (0.25)
6X (0.5)
(1.325)
WQFN-HR - 0.8 mm max height
RYZ0010A
PLASTIC QUAD FLATPACK - NO LEAD
4226834/B 06/2021
SYMM
1
4
6
10
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:30X
5
9
NOTES: (continued)
3. For more information, see Texas Instruments literature number SLUA271 (www.ti.com/lit/slua271).
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
SOLDER MASK DETAILS
NOT TO SCALE
DEFINED
(PREFERRED)
EXPOSED
METAL
SOLDER MASK
OPENING
METAL
UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED
METAL
TPS22998
SLVSG05 – OCTOBER 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS22998



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com