Electronic Components Datasheet Search
  English  ▼

X  

5UTC Datasheet(PDF) 4 Page - Bivar, Inc.

Part # 5UTC
Description  3mm (T1) Package Discrete LED TURQUOISE, Ultra Bright
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

5UTC Datasheet(HTML) 4 Page - Bivar, Inc.

  5UTC Datasheet HTML 1Page - Bivar, Inc. 5UTC Datasheet HTML 2Page - Bivar, Inc. 5UTC Datasheet HTML 3Page - Bivar, Inc. 5UTC Datasheet HTML 4Page - Bivar, Inc. 5UTC Datasheet HTML 5Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3mm (T1) Package Discrete LEDs
AMBER
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision A 03/08
Page 4 of 5
Typical Electrical / Optical Characteristics
TA = 25°C unless otherwise noted
Fig. 2 Directivity Radiation Diagram
0.2
0.6
0.4
0.5
0.3
0.1
90°
70°
80°
60°
50°
40°
10°
20°
30°
0°
Bivar reserves the right to make changes at any time without notice.
3mm (T1) Package Discrete LEDs
AMBER, Super Bright
3mm (T1) Package Discrete LED
AMBER, Super Bright
3mm (T1) Package Discrete LED
GREEN, Ultra Bright
Fig. 6 Relative Luminous Intensity vs. Temperature
Fig. 4 Relative Luminous Intensity vs. Forward Current
Normalize @ 20 mA
Fig. 5 Forward Voltage vs. Temperature
Fig. 1 Relative Luminous Intensity vs. Wavelength
@ 20mA
Fig. 3 Forward Current vs. Forward Voltage
3mm (T1) Package Discrete LED
BLUE, Ultra Bright
3mm (T1) Package Discrete LED
TURQUOISE, Ultra Bright
1.0
0.5
0.0
480
530
630
λ(nm)
Iv
580
1000
10
1
0.1
100
5.0
4.0
3.0
2.0
1.0
3.0
0.0
1.0
2.0
1
100
10
1000
Vf (V)
If (mA)
If (mA)
Iv
4.0
1.2
1.1
0.8
1.0
0.9
80
40
0
-40
80
40
0
-40
3.0
2.0
1.0
0.0
T (°C)
Vf (V)
T (°C)
Iv
5mm (T1 ¾) Package Discrete LED
GREEN, Ultra Bright
5mm (T1 ¾) Package Discrete LED
TURQUOISE, Ultra Bright
20°
35°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com