Electronic Components Datasheet Search
  English  ▼

X  

5UTC Datasheet(PDF) 5 Page - Bivar, Inc.

Part # 5UTC
Description  3mm (T1) Package Discrete LED TURQUOISE, Ultra Bright
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

5UTC Datasheet(HTML) 5 Page - Bivar, Inc.

  5UTC Datasheet HTML 1Page - Bivar, Inc. 5UTC Datasheet HTML 2Page - Bivar, Inc. 5UTC Datasheet HTML 3Page - Bivar, Inc. 5UTC Datasheet HTML 4Page - Bivar, Inc. 5UTC Datasheet HTML 5Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3mm (T1) Package Discrete LEDs
AMBER
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Rev. A 01/16/08
Page 4 of 4
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision A 03/08
Page 5 of 5
Recommended Soldering Conditions
Packaging and Labeling Plan
AntiStatic Poly Bag with Desiccant
(500 pcs Max. per Bag)
Bivar reserves the right to make changes at any time without notice.
Preheat Temperature: 100ºC Max.
Peak Temperature: 260ºC Max.
Preheat Time: 20 ~ 50 Seconds
Solder Time Above 217ºC: 5 Seconds Max.
Note: Turn off top heater at preheat to prevent the lamp body directly exposed to the heat source.
Recommended Lead Free Wave Soldering Profile
3mm (T1) Package Discrete LEDs
AMBER, Super Bright
3mm (T1) Package Discrete LED
AMBER, Super Bright
3mm (T1) Package Discrete LED
GREEN, Ultra Bright
3mm (T1) Package Discrete LED
BLUE, Ultra Bright
3mm (T1) Package Discrete LED
TURQUOISE, Ultra Bright
5mm (T1 ¾) Package Discrete LED
GREEN, Ultra Bright
5mm (T1 ¾) Package Discrete LED
TURQUOISE, Ultra Bright



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com