Electronic Components Datasheet Search
  English  ▼

X  

BAE00H2 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BAE00H2
Description  Lighting for Vision Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAE00H2 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BAE00H2 Datasheet HTML 1Page - Balluff Korea Ltd. BAE00H2 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lighting for Vision Systems
BAE LX-VS-SI030
Order Code: BAE00H2
Internet
www.balluff.com
eCl@ss 9.1: 27-11-06-35
Subject to change without notice: 219588
ETIM 6.0: EC00996
BAE00H2_0.65_2021-10-12
1 / 2
1) Power green
Basic features
Approval/Conformity
CE
UKCA
EAC
WEEE
Operating mode
Normal (continuous operation)
Scope of delivery
Spotlight
Nut M30x1.5 (2x)
Use
for Vision sensor BVS
Version
Spotlight
Display/Operation
Adjuster
no
Electrical connection
Cable length L
0.3 m
Conductor cross-section
0.34 mm²
Connection
M12x1-Male, 4-pin, A-coded
Connection type
Cable with connector, 0.3 m
Number of conductors
4
Polarity reversal protected
yes
Electrical data
Current draw max.
170 mA
Rated operating voltage Ue DC
24 V
Environmental conditions
Ambient temperature
-10...50 °C
IP rating
IP67
Interface
Digital inputs
Trigger
Material
Housing material
1.4301 stainless steel
Brass, Glass
Mechanical data
Dimension
Ø 30 x 64 mm
Mounting part
Nut M30x1.5
Optical features
Beam angle
17 °
Illumination area
Ø 27 mm
LED group per IEC 62471
Risk group 1
Light type
LED infrared
Wave length
875 nm


Similar Part No. - BAE00H2

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE00H0 BALLUFF-BAE00H0 Datasheet
98Kb / 2P
Lighting for Vision Systems
0.64_2021-10-12
BAE00H1 BALLUFF-BAE00H1 Datasheet
114Kb / 2P
Lighting for Vision Systems
0.66_2021-10-12
More results

Similar Description - BAE00H2

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE000F BALLUFF-BAE000F Datasheet
104Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE000H BALLUFF-BAE000H Datasheet
103Kb / 2P
Lighting for Vision Systems
0.71_2021-10-12
BAE000K BALLUFF-BAE000K Datasheet
124Kb / 2P
Lighting for Vision Systems
0.65_2021-10-12
BAE00C5 BALLUFF-BAE00C5 Datasheet
103Kb / 2P
Lighting for Vision Systems
0.67_2021-10-12
BAE00KF BALLUFF-BAE00KF Datasheet
105Kb / 2P
Lighting for Vision Systems
0.62_2021-10-12
BAE00NT BALLUFF-BAE00NT Datasheet
115Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE00NU BALLUFF-BAE00NU Datasheet
115Kb / 2P
Lighting for Vision Systems
0.62_2021-10-12
BAE00P0 BALLUFF-BAE00P0 Datasheet
119Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE011R BALLUFF-BAE011R Datasheet
125Kb / 2P
Lighting for Vision Systems
0.28_2021-10-22
BAE011T BALLUFF-BAE011T Datasheet
126Kb / 2P
Lighting for Vision Systems
0.34_2021-10-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com