Electronic Components Datasheet Search
  English  ▼

X  

BAE00H2 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BAE00H2
Description  Lighting for Vision Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAE00H2 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BAE00H2 Datasheet HTML 1Page - Balluff Korea Ltd. BAE00H2 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lighting for Vision Systems
BAE LX-VS-SI030
Order Code: BAE00H2
Internet
www.balluff.com
eCl@ss 9.1: 27-11-06-35
Subject to change without notice: 219588
ETIM 6.0: EC00996
BAE00H2_0.65_2021-10-12
2 / 2
Remarks
Install the device so that no direct view of the light source is possible even during operation.
Overheating protection, shutdown at 65° C
For additional information, refer to user's guide.
Order accessories separately.
Connector Drawings
Wiring Diagrams
Warning Symbols
LED light– DO NOT LOOK INTO THE BEAM!
LED group per IEC 62471
Note: for IR radiation and in Boost mode,
use suitable shielding or eye protection.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com