Electronic Components Datasheet Search
  English  ▼

X  

ADRF5345 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5345
Description  High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5345 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5345 Datasheet HTML 2Page - Analog Devices ADRF5345 Datasheet HTML 3Page - Analog Devices ADRF5345 Datasheet HTML 4Page - Analog Devices ADRF5345 Datasheet HTML 5Page - Analog Devices ADRF5345 Datasheet HTML 6Page - Analog Devices ADRF5345 Datasheet HTML 7Page - Analog Devices ADRF5345 Datasheet HTML 8Page - Analog Devices ADRF5345 Datasheet HTML 9Page - Analog Devices ADRF5345 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Data Sheet
ADRF5345
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 6 of 11
INSERTION LOSS, RETURN LOSS, AND ISOLATION
VDD = 5 V, VCTRL = 0 V or 3.3 V, and TCASE = 25°C on a 50 Ω system, unless otherwise noted. Insertion loss and return loss are measured on
the ADRF5345-EVALZ evaluation board.
Figure 6. Insertion Loss for RFC to RFx Selected vs. Frequency
Figure 7. Return Loss for RFC when RFx Selected vs. Frequency
Figure 8. RFC to RF2, RF3, and RF4 Isolation vs. Frequency, RF1 Selected
Figure 9. Insertion Loss for RFC to RF1 Selected vs. Frequency over Various
Temperatures
Figure 10. Return Loss for RFx Unselected and Selected
Figure 11. RFC to RF1, RF3, and RF4 Isolation vs. Frequency, RF2 Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com