Electronic Components Datasheet Search
  English  ▼

X  

ADRF5345 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5345
Description  High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5345 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5345 Datasheet HTML 1Page - Analog Devices ADRF5345 Datasheet HTML 2Page - Analog Devices ADRF5345 Datasheet HTML 3Page - Analog Devices ADRF5345 Datasheet HTML 4Page - Analog Devices ADRF5345 Datasheet HTML 5Page - Analog Devices ADRF5345 Datasheet HTML 6Page - Analog Devices ADRF5345 Datasheet HTML 7Page - Analog Devices ADRF5345 Datasheet HTML 8Page - Analog Devices ADRF5345 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
ADRF5345
High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Reflective design
►
Low Insertion Loss
►
0.35 dB to 2.8 GHz typical
►
0.40 dB to 3.8 GHz typical
►
High power handling at TCASE = 105°C
►
Long-term (>10 years) average
►
Continuous wave power: 39 dBm
►
LTE signal
►
Average power: 39 dBm
►
Peak power: 49 dBm
►
High input linearity, IP3: 84 dBm typical
►
ESD ratings
►
HBM: 2000 V, Class 2
►
CDM: 1000 V, Class C3
►
Single-supply operation, integrated NVG
►
Positive control, LVCMOS-/LVTTL- compatible
►
4 mm x 4 mm, 22-terminal LGA package
APPLICATIONS
►
5G antenna tilting
►
Wireless infrastructure
►
Military and high reliability applications
►
Test equipment
►
Pin diode replacement
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADRF5345 is a high linearity, reflective, single-pole, four-throw
(SP4T) switch manufactured in the silicon process.
The ADRF5345 operates from 1.8 GHz to 3.8 GHz with a typical
insertion loss lower than 0.40 dB and a typical input IP3 of 84 dBm.
The device has an RF input power handling capability of 39 dBm for
continuous wave signals and 39 dBm average and 49 dBm peak for
long-term evolution (LTE) signals.
The ADRF5345 incorporates an integrated negative voltage gener-
ator (NVG) to operate with a single positive supply of 5 V (VDD)
applied to the VDD pin drawing a 2 mA supply current. The device
employs low voltage complementary metal-oxide semiconductor
(LVCMOS)-/low voltage transistor to transistor logic (LVTTL)- com-
patible controls.
The ADRF5345 comes in a 4 mm × 4 mm, 22-terminal, RoHS-com-
pliant, land grid array (LGA) package and operates between −40°C
to +105°C.


Similar Part No. - ADRF5345

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5347 AD-ADRF5347 Datasheet
1Mb / 15P
High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
Rev. 0
ADRF5347-EVALZ AD-ADRF5347-EVALZ Datasheet
1Mb / 15P
High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
Rev. 0
ADRF5347BCCZN AD-ADRF5347BCCZN Datasheet
1Mb / 15P
High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
Rev. 0
ADRF5347BCCZN-R7 AD-ADRF5347BCCZN-R7 Datasheet
1Mb / 15P
High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
Rev. 0
ADRF5347BCCZN-RL AD-ADRF5347BCCZN-RL Datasheet
1Mb / 15P
High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
Rev. 0
More results

Similar Description - ADRF5345

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
REV. 0
logo
Skyworks Solutions Inc.
SKY13597-684LF SKYWORKS-SKY13597-684LF Datasheet
174Kb / 2P
0.7 to 3.8 GHz SP4T High-Power Switch
SKY13626-685LF SKYWORKS-SKY13626-685LF Datasheet
174Kb / 2P
0.4 to 3.8 GHz SP4T Switch
SKY13414-485LF SKYWORKS-SKY13414-485LF Datasheet
398Kb / 11P
0.1 to 3.8 GHz SP4T Antenna Switch
logo
Guerrilla RF, Inc.
GRF5517W GUERRILLA-GRF5517W Datasheet
5Mb / 27P
HIGH LINEARITY POWER AMPLIFIER 1.7 to 1.8 GHz
January 24, 2023
GRF5518W GUERRILLA-GRF5518W Datasheet
5Mb / 25P
HIGH LINEARITY POWER AMPLIFIER 1.8 to 1.91 GHz
January 24, 2023
logo
Analog Devices
ADRF5347 AD-ADRF5347 Datasheet
1Mb / 15P
High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
Rev. 0
ADRF5054 AD-ADRF5054 Datasheet
1Mb / 13P
1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
Rev. 0
logo
Peregrine Semiconductor
PE42443 PSEMI-PE42443 Datasheet
103Kb / 2P
UltraCMOS® SP4T RF Switch, 1.8 GHz–5 GHz
05/2023
logo
Skyworks Solutions Inc.
SKYA21029 SKYWORKS-SKYA21029 Datasheet
400Kb / 11P
0.1 to 3.8 GHz SP4T Antenna Switch
July 10, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com