Electronic Components Datasheet Search
  English  ▼

X  

ADRF5473 Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF5473
Description  Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5473 Datasheet(HTML) 2 Page - Analog Devices

  ADRF5473 Datasheet HTML 1Page - Analog Devices ADRF5473 Datasheet HTML 2Page - Analog Devices ADRF5473 Datasheet HTML 3Page - Analog Devices ADRF5473 Datasheet HTML 4Page - Analog Devices ADRF5473 Datasheet HTML 5Page - Analog Devices ADRF5473 Datasheet HTML 6Page - Analog Devices ADRF5473 Datasheet HTML 7Page - Analog Devices ADRF5473 Datasheet HTML 8Page - Analog Devices ADRF5473 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Data Sheet
ADRF5473
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 17
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications........................................................ 3
Electrical Specifications......................................3
Timing Specifications......................................... 5
Absolute Maximum Ratings...................................6
Thermal Resistance........................................... 6
Power Derating Curves...................................... 6
Electrostatic Discharge (ESD) Ratings...............7
ESD Caution.......................................................7
Pin Configuration and Function Descriptions........ 8
Interface Schematics..........................................9
Typical Performance Characteristics................... 10
Insertion Loss, Return Loss, State Error,
Step Error, and Relative Phase...................... 10
Input Power Compression and Third-Order
Intercept......................................................... 12
Theory of Operation.............................................13
Power Supply................................................... 13
RF Input and Output.........................................13
Serial or Parallel Mode Selection..................... 14
Serial Mode Interface....................................... 14
Parallel Mode Interface.................................... 15
Applications Information...................................... 16
Die Assembly................................................... 16
Handling, Mounting, and Epoxy Die Attach......16
Outline Dimensions............................................. 17
Ordering Guide.................................................17
REVISION HISTORY
1
2/2021—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com