Electronic Components Datasheet Search
  English  ▼

X  

ADRF5473 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5473
Description  Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5473 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5473 Datasheet HTML 1Page - Analog Devices ADRF5473 Datasheet HTML 2Page - Analog Devices ADRF5473 Datasheet HTML 3Page - Analog Devices ADRF5473 Datasheet HTML 4Page - Analog Devices ADRF5473 Datasheet HTML 5Page - Analog Devices ADRF5473 Datasheet HTML 6Page - Analog Devices ADRF5473 Datasheet HTML 7Page - Analog Devices ADRF5473 Datasheet HTML 8Page - Analog Devices ADRF5473 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Data Sheet
ADRF5473
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 17
ELECTRICAL SPECIFICATIONS
VDD = +3.3 V, VSS = −3.3 V, control voltages = 0 V or VDD, TDIE = 25°C, and 50 Ω system, unless otherwise noted.
S-parameters are measured with microstrip launchers and 3 mil width ribbon bonds using ground-signal-ground (GSG) probes. The launchers
are deembedded. See Applications Information section for assembly details.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
100
40,000
MHz
INSERTION LOSS
100 MHz to 10 GHz
1.3
dB
10 GHz to 18 GHz
1.7
dB
18 GHz to 26 GHz
2.2
dB
26 GHz to 35 GHz
2.8
dB
35 GHz to 40 GHz
3.2
dB
RETURN LOSS
ATTIN and ATTOUT, all attenuation states
100 MHz to 10 GHz
17
dB
10 GHz to 18 GHz
18
dB
18 GHz to 26 GHz
17
dB
26 GHz to 35 GHz
15
dB
35 GHz to 40 GHz
15
dB
ATTENUATION
Range
Between minimum and maximum attenuation states
31.5
dB
Step Size
Between any successive attenuation states
0.5
dB
Accuracy
Referenced to insertion loss
100 MHz to 10 GHz
±(0.05 + 1.5% of state)
dB
10 GHz to 18 GHz
±(0.07 + 2.0% of state)
dB
18 GHz to 26 GHz
±(0.10 + 2.0% of state)
dB
26 GHz to 35 GHz
±(0.13 + 1.5% of state)
dB
35 GHz to 40 GHz
±(0.30 + 1.5% of state)
dB
Step Error
Between any successive state
100 MHz to 10 GHz
±0.11
dB
10 GHz to 18 GHz
±0.12
dB
18 GHz to 26 GHz
±0.12
dB
26 GHz to 35 GHz
±0.30
dB
35 GHz to 40 GHz
±0.60
dB
RELATIVE PHASE
Referenced to insertion loss
10 GHz
18
Degrees
18 GHz
33
Degrees
26 GHz
50
Degrees
35 GHz
75
Degrees
40 GHz
80
Degrees
SWITCHING CHARACTERISTICS
All attenuation states at input power (PIN) = 10 dBm
Rise and Fall Time (tRISE and tFALL)
10% to 90% of RF output
35
ns
On and Off Time (tON and tOFF)
50% triggered control to 90% of RF output
125
ns
RF Amplitude Settling Time
0.1 dB
50% triggered control to 0.1 dB of final RF output
250
ns
0.05 dB
50% triggered control to 0.05 dB of final RF output
350
ns
Overshoot
1
dB
Undershoot
−2.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com