Electronic Components Datasheet Search
  English  ▼

X  

HMC8413LP2FE Datasheet(PDF) 16 Page - Analog Devices

Part # HMC8413LP2FE
Description  Low Noise Amplifier, 0.01 GHz to 9 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8413LP2FE Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC8413LP2FE Datasheet HTML 12Page - Analog Devices HMC8413LP2FE Datasheet HTML 13Page - Analog Devices HMC8413LP2FE Datasheet HTML 14Page - Analog Devices HMC8413LP2FE Datasheet HTML 15Page - Analog Devices HMC8413LP2FE Datasheet HTML 16Page - Analog Devices HMC8413LP2FE Datasheet HTML 17Page - Analog Devices HMC8413LP2FE Datasheet HTML 18Page - Analog Devices HMC8413LP2FE Datasheet HTML 19Page - Analog Devices HMC8413LP2FE Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
HMC8413
Data Sheet
Rev. 0 | Page 16 of 21
120
100
0
40
20
80
60
110
90
30
10
70
50
0
100
1000
500
900
700
400
800
600
300
200
BIAS RESISTOR VALUE (Ω)
Figure 67. IDQ vs. Bias Resistor Value, 1 Ω to 1 kΩ, VDD = 3 V
200
–25
75
25
175
125
50
0
150
100
0
1
7
5
4
6
3
2
SUPPLY VOLTAGE (V)
Figure 68. IDQ vs. Supply Voltage, RBIAS = 787 Ω
60
0
40
20
30
10
50
35
15
55
25
5
45
1
12
5
9
11
7
4
8
10
6
3
2
BIAS RESISTOR VALUE (kΩ)
Figure 69. IDQ vs. Bias Resistor Value, 1 kΩ to 12 kΩ, VDD = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com