Electronic Components Datasheet Search
  English  ▼

X  

HMC8413LP2FE Datasheet(PDF) 19 Page - Analog Devices

Part # HMC8413LP2FE
Description  Low Noise Amplifier, 0.01 GHz to 9 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8413LP2FE Datasheet(HTML) 19 Page - Analog Devices

Back Button HMC8413LP2FE Datasheet HTML 13Page - Analog Devices HMC8413LP2FE Datasheet HTML 14Page - Analog Devices HMC8413LP2FE Datasheet HTML 15Page - Analog Devices HMC8413LP2FE Datasheet HTML 16Page - Analog Devices HMC8413LP2FE Datasheet HTML 17Page - Analog Devices HMC8413LP2FE Datasheet HTML 18Page - Analog Devices HMC8413LP2FE Datasheet HTML 19Page - Analog Devices HMC8413LP2FE Datasheet HTML 20Page - Analog Devices HMC8413LP2FE Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Data Sheet
HMC8413
Rev. 0 | Page 19 of 21
EXTENDING OPERATION BELOW 10 MHz
The operation of the HMC8413 can be extended below 10 MHz
by adding a 10 μH inductor (Coilcraft 0603AF-103XJE) and 1 kΩ
shunt resistor. The 10 μH inductor and 1 kΩ shunt are placed
in series with the 0.9 μH inductor (Coilcraft 0402DF-901XJRE)
to form a multisection bias network. Figure 72 shows the
broadband gain and return loss, and Figure 73 shows the narrow-
band gain and return loss. Figure 74 shows the application circuit
for operation below 10 MHz.
S11
S21
S22
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
–25
–20
–15
–10
–5
0
5
10
15
20
25
Figure 72. Gain and Return Loss vs. Frequency, 1 MHz to 9 GHz, VDD = 5 V,
IDQ = 95 mA
S11
S21
S22
FREQUENCY (MHz)
0
20
40
60
80
100 120 140 160 180 200
–20
–15
–10
–5
0
5
10
15
20
25
Figure 73. Gain and Return Loss vs. Frequency, 1 MHz to 200 MHz,
VDD = 5 V, IDQ = 95 mA
2
1
3
6
5
4
GND
GND
R2
787Ω
RFIN
C1
R1
15Ω
C2
0.1µF
GND
GND
RFOUT
L2
0.9µH
L1
0.14
C5
VDD
C4
0.1µF
C3
10pF
L3
10µH
R3
1kΩ
HMC8413
µH
0.1µF
0.1µF
Figure 74. Application Circuit for Operation Below 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com